Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NET2272 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 18Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 19Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 20Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 21Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 22Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 23Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 24Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 25Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
22
4.5
I/O Transactions
I/O transactions are those in which a CPU on the local bus accesses registers or packet buffers within the NET2272.
4.5.1 Non-Multiplexed I/O Read
Non-multiplexed I/O read transactions are started when both CS# and IOR# are asserted. The address must be valid
T4 before CS# and IOR# are both asserted. Valid read data is driven onto the data bus within T6 after CS# and
IOR# are both asserted. The read transaction ends and the data bus floats when either CS# or IOR# are de-asserted.
A new I/O read transaction cannot be started until the T8A recovery time has expired, and a new I/O write
transaction cannot be started until the T8B recovery time has expired. ALE must be held low for non-multiplexed
mode.
A0
D0
NetChip Technology; NET2272; Non-Multiplexed I/O Read; 8/19/02; IORD.TD
A1
D1
0ns
25ns
50ns
75ns
LA[4:0]
CS#
IOR#
LD[15:0]
4.5.2 Multiplexed I/O Read
Multiplexed I/O reads are started when the address is driven onto the lower bits of the data bus, and ALE is pulsed.
Once the address has been latched into the NET2272, the data phase is initiated with the assertion of both CS# and
IOR#. To prevent bus contention on the data bus, CS# and IOR# should not be asserted until the local bus master
has tri-stated the address. Valid read data is driven onto the data bus within T6 after CS# and IOR# are both
asserted. The read transaction ends and the data bus floats when either CS# or IOR# are de-asserted. A new I/O
read transaction cannot be started until the T8A recovery time, has expired, and a new I/O write transaction cannot
be started until the T8B recovery time has expired.
D0
NetChip Technology; NET2272; Multiplexed I/O Read; 08/19/02; IORD_MPX.TD
D1
A0
A1
0ns
25ns
50ns
75ns
100ns
ALE
CS#
IOR#
LD[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com