Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NET2272 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 21Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 22Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 23Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 24Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 25Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 26Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 27Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 28Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
25
4.6
DMA Transactions
DMA transfers are those in which an external DMA controller transfers data between memory and one of the packet
buffers within the NET2272. DMA transfers can be configured for endpoint A or endpoint B only. The local CPU
handles transfers to/from endpoints 0 and C. The external DMA controller is programmed to perform fly-by
demand mode transfers. In this mode, transfers occur only when the NET2272 requests them and the data is
transferred between the NET2272 and local memory during the same bus transaction.
During DMA transactions, the endpoint buffer is determined by the DMA Endpoint Select field of the DMAREQ
register. During CPU transactions, the endpoint buffer is determined by the Page Select field of the PAGESEL
register. In split DMA mode, CPU accesses to one endpoint buffer can occur simultaneously with DMA accesses to
another endpoint buffer.
4.6.1 DMA Read
For OUT transfers (host to device), the local and host CPUs first arrange to transfer a block of data from host
memory to local memory. The local CPU programs the external DMA controller to transfer the desired number of
bytes. The signals DREQ, DACK, IOR#, and EOT are used to control the transactions between the external DMA
controller and the NET2272. DREQ and DACK are minimally needed to exchange data with the NET2272 since
the direction (read) is established by the Endpoint Direction bit in the EP_CFG register. The mode of operation is
set by the DMA Control DACK bit in the DMAREQ register. If the DMA Control DACK bit is high, then both
DACK and IOR# are needed by the NET2272 for a DMA read. If the DMA Control DACK bit is low, then only
DACK is needed.
The local CPU programs the NET2272 DMAREQ register to associate the DMA with a NET2272 endpoint (either
Endpoint A or Endpoint B). Transfers occur only when the NET2272 requests them, after the DMA Request Enable
bit is set in the DMAREQ register.
When the NET2272 has data available in an endpoint buffer, and that endpoint has been assigned to the DMA
channel, the DMA request (DREQ) signal is asserted. The external DMA controller then requests the local bus from
the local bus master. After the external DMA controller has been granted the bus, it drives a valid memory address
and asserts DACK, IOR# (optional), and MEMW# (to memory), thus transferring a byte from an endpoint’s buffer
to local memory. In DMA slow mode, the NET2272 de-asserts DREQ within T20 after the start of the transaction,
while in fast mode, it de-asserts DREQ at the start of the transaction. If there is still data in the buffer, the NET2272
then re-asserts DREQ. The DMA transfers continue until the DMA byte count reaches zero or the EOT pin is
asserted during the last DMA transfer. The DMA Done Interrupt bit in the IRQSTAT0 register will be set for the
following conditions:
•
The EOT pin is asserted during the last DMA transfer.
•
The local CPU writes a zero to the EP_TRANSFER register after the DMA has finished.
If DMA Burst Mode is selected, DREQ is asserted when there is data in the buffer and the DMA is enabled. It
remains asserted until the FIFO becomes empty, the DMA is disabled, or the EOT pin is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com