Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NET2272 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 48Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 49Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 50Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 51Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 52Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 53Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 54Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 55Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
52
In power-sensitive applications, the local CPU can force the NET2272 to enter low-power suspend mode when
disconnected from the USB by writing a 1 to the Suspend Request Interrupt bit. The NET2272 will automatically
wake-up when the peripheral is re-connected (cable plugged in and USB Detect Enable bit set) to the USB. Do not
force suspend mode unless the peripheral is disconnected from the USB. When the NET2272 is connected to the
USB, it is a violation of the USB specification to enter the suspend state unless the upstream port has been idle for
at least 3 milliseconds.
This is the preferred method of suspending the NET2272, since a USB re-connection will automatically cause the
NET2272 to wake-up and set the Resume Interrupt bit.
7.2.2.2 Power-On Standby
The local CPU can prevent the NET2272 from starting its oscillator on power-up by driving a LOW into the CS#
pin while RESET# is asserted (LOW). In this state the NET2272 requires only a small quiescent standby current.
When the peripheral wishes to start the oscillator, it releases the CS# pin and continues to assert RESET# for a
minimum of 2 milliseconds. Note that while the oscillator is stopped, the NET2272 cannot respond to USB
requests, so the oscillator must be allowed to start when the peripheral detects a USB connection event. The local
CPU is responsible for detecting the connection, and ending the standby condition.
This standby technique is appropriate when the device’s power budget does not allow the NET2272 to be active
long enough to shut it down by setting the Suspend Request Interrupt bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com