Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV4021 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4021
Description  TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4021 Datasheet(HTML) 3 Page - Texas Instruments

  TLV4021 Datasheet HTML 1Page - Texas Instruments TLV4021 Datasheet HTML 2Page - Texas Instruments TLV4021 Datasheet HTML 3Page - Texas Instruments TLV4021 Datasheet HTML 4Page - Texas Instruments TLV4021 Datasheet HTML 5Page - Texas Instruments TLV4021 Datasheet HTML 6Page - Texas Instruments TLV4021 Datasheet HTML 7Page - Texas Instruments TLV4021 Datasheet HTML 8Page - Texas Instruments TLV4021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 3
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................6
6.6 Switching Characteristics............................................7
7 Typical Characteristics................................................... 8
8 Detailed Description......................................................14
8.1 Overview................................................................... 14
8.2 Functional Block Diagram......................................... 15
8.3 Feature Description...................................................16
8.4 Device Functional Modes..........................................16
9 Application and Implementation.................................. 19
9.1 Application Information............................................. 19
9.2 Typical Application.................................................... 21
9.3 What to Do and What Not to Do............................... 23
10 Power Supply Recommendations..............................24
11 Layout........................................................................... 24
11.1 Layout Guidelines................................................... 24
11.2 Layout Example...................................................... 24
12 Device and Documentation Support..........................25
12.1 Receiving Notification of Documentation Updates..25
12.2 Support Resources................................................. 25
12.3 Trademarks.............................................................25
12.4 Electrostatic Discharge Caution..............................25
12.5 Glossary..................................................................25
13 Mechanical, Packaging, and Orderable
Information.................................................................... 25
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (June 2020) to Revision C (December 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document .................1
• Added TLV4021S5x throughout the document ..................................................................................................1
Changes from Revision A (May 2019) to Revision B (March 2020)
Page
• Added SOT-23 package option with 0.5V reference. .........................................................................................1
• Changed configuration diagram and TLV40x1 Truth Table. ...............................................................................1
• Added Configuration diagrams for entire TLV40x1 family...................................................................................1
Changes from Revision * (October 2018) to Revision A (May 2019)
Page
• Changed Product Preview to Production Data .................................................................................................. 1
www.ti.com
TLV4021, TLV4031, TLV4041, TLV4051
SNVSB04C – MARCH 2019 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV4021 TLV4031 TLV4041 TLV4051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com