Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV4021 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4021
Description  TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4021 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV4021 Datasheet HTML 9Page - Texas Instruments TLV4021 Datasheet HTML 10Page - Texas Instruments TLV4021 Datasheet HTML 11Page - Texas Instruments TLV4021 Datasheet HTML 12Page - Texas Instruments TLV4021 Datasheet HTML 13Page - Texas Instruments TLV4021 Datasheet HTML 14Page - Texas Instruments TLV4021 Datasheet HTML 15Page - Texas Instruments TLV4021 Datasheet HTML 16Page - Texas Instruments TLV4021 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
7 Typical Characteristics (continued)
at TJ = 25°C and VS = 3.3 V (unless otherwise noted)
VOD (%)
0
1
2
3
4
5
6
7
8
9
10
11
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
-40°C
25°C
85°C
125°C
VS = 1.8V to 5V
TLV4021Sx5
Figure 7-31. Propagation Delay High-Low vs Input Overdrive
www.ti.com
TLV4021, TLV4031, TLV4041, TLV4051
SNVSB04C – MARCH 2019 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV4021 TLV4031 TLV4041 TLV4051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com