Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV4021 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4021
Description  TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4021 Datasheet(HTML) 4 Page - Texas Instruments

  TLV4021 Datasheet HTML 1Page - Texas Instruments TLV4021 Datasheet HTML 2Page - Texas Instruments TLV4021 Datasheet HTML 3Page - Texas Instruments TLV4021 Datasheet HTML 4Page - Texas Instruments TLV4021 Datasheet HTML 5Page - Texas Instruments TLV4021 Datasheet HTML 6Page - Texas Instruments TLV4021 Datasheet HTML 7Page - Texas Instruments TLV4021 Datasheet HTML 8Page - Texas Instruments TLV4021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
5 Pin Configuration and Functions
OUT
IN
V+
V-
A
1
B
2
Top View
Figure 5-1. YKA Package
4-Bump DSBGA
Top View
Table 5-1. DSBGA Package Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
OUT
A1
O
Comparator output: OUT is push-pull on TLV4041/4051 and open-drain on TLV4021/4031
V+
B1
P
Positive (highest) power supply
V–
B2
P
Negative (lowest) power supply
IN
A2
I
Comparator input: IN is non-Inverting on TLV4021/4041 and inverting on TLV4031/4051
OUT
V+
V-
NC
IN
1
2
3
5
4
Top View
Figure 5-2. SOT-23 Package
5-pin
Top View
Table 5-2. SOT-23 Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
V+
1
P
Positive (highest) power supply
V-
2
P
Negative (lowest) power supply
NC
3
x
No connect; this pin is not internally connected to the die. It can be grounded if that is preferred in
the system.
IN
4
I
Comparator input: IN is inverting on TLV4031/4051
OUT
5
O
Comparator output: OUT is push-pull on TLV4041/4051
TLV4021, TLV4031, TLV4041, TLV4051
SNVSB04C – MARCH 2019 – REVISED DECEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV4021 TLV4031 TLV4041 TLV4051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com