Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV4021 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4021
Description  TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4021 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV4021 Datasheet HTML 20Page - Texas Instruments TLV4021 Datasheet HTML 21Page - Texas Instruments TLV4021 Datasheet HTML 22Page - Texas Instruments TLV4021 Datasheet HTML 23Page - Texas Instruments TLV4021 Datasheet HTML 24Page - Texas Instruments TLV4021 Datasheet HTML 25Page - Texas Instruments TLV4021 Datasheet HTML 26Page - Texas Instruments TLV4021 Datasheet HTML 27Page - Texas Instruments TLV4021 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
10 Power Supply Recommendations
These devices operate from an input voltage supply range between 1.7 V and 5.5 V.
11 Layout
11.1 Layout Guidelines
A power supply bypass capacitor of 100 nF is recommended when supply output impedance is high, supply
traces are long, or when excessive noise is expected on the supply lines. Bypass capacitors are also
recommended when the comparator output drives a long trace or is required to drive a capacitive load. Due
to the fast rising and falling edge rates and high-output sink and source capability of the TLV40x1 output stage,
higher than normal quiescent current can be drawn from the power supply when the output transitions. Under
this circumstance, the system would benefit from a bypass capacitor across the supply pins.
11.2 Layout Example
IN
V-
V+
V
BAT
C1 (0402)
OUT
Figure 11-1. Layout Example
TLV4021, TLV4031, TLV4041, TLV4051
SNVSB04C – MARCH 2019 – REVISED DECEMBER 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV4021 TLV4031 TLV4041 TLV4051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com