Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV4021 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4021
Description  TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4021 Datasheet(HTML) 2 Page - Texas Instruments

  TLV4021 Datasheet HTML 1Page - Texas Instruments TLV4021 Datasheet HTML 2Page - Texas Instruments TLV4021 Datasheet HTML 3Page - Texas Instruments TLV4021 Datasheet HTML 4Page - Texas Instruments TLV4021 Datasheet HTML 5Page - Texas Instruments TLV4021 Datasheet HTML 6Page - Texas Instruments TLV4021 Datasheet HTML 7Page - Texas Instruments TLV4021 Datasheet HTML 8Page - Texas Instruments TLV4021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Table 3-1. TLV40x1 Truth Table
DEVICE
Input Configuration
Reference
Output Type
TLV4021R1
Non-Inverting
1.2 V
Open-Drain
TLV4041R1
Push-Pull
TLV4041R5
0.5 v
Push-Pull
TLV4021R2
0.2 V
Open-Drain
TLV4041R2
Push-Pull
TLV4031R1
Inverting
1.2 V
Open-Drain
TLV4051R1
Push-Pull
TLV4051R5
0.5 V
Push-Pull
TLV4031R2
0.2 V
Open-Drain
TLV4051R2
Push-Pull
DEVICE
Input Configuration
Fixed Threshold
Output Type
TLV4021S5x
Non-Inverting
3.2 V
Open-Drain
IN
OUT
V+
V
0.2V
+
–
IN
OUT
V+
V
0.2V
+
–
IN
OUT
V+
V
1.2V
+
–
V
PU
IN
OUT
V+
V
1.2V
+
–
V
PU
TLV4021R2
TLV4021R1
TLV4041R2
TLV4041R1
IN
OUT
V+
V
0.2V
IN
OUT
V+
V
0.2V
IN
OUT
V+
V
1.2V
V
PU
IN
OUT
V+
V
1.2V
V
PU
TLV4031R2
TLV4031R1
TLV4051R2
TLV4051R1
IN
V+
V
1.2V
+
–
V
PU
TLV4021S5x
IN
OUT
V+
V
0.5V
TLV4051R5
IN
OUT
V+
V
0.5V
+
–
TLV4041R5
TLV4021, TLV4031, TLV4041, TLV4051
SNVSB04C – MARCH 2019 – REVISED DECEMBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV4021 TLV4031 TLV4041 TLV4051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com