Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV4021 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4021
Description  TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4021 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV4021 Datasheet HTML 17Page - Texas Instruments TLV4021 Datasheet HTML 18Page - Texas Instruments TLV4021 Datasheet HTML 19Page - Texas Instruments TLV4021 Datasheet HTML 20Page - Texas Instruments TLV4021 Datasheet HTML 21Page - Texas Instruments TLV4021 Datasheet HTML 22Page - Texas Instruments TLV4021 Datasheet HTML 23Page - Texas Instruments TLV4021 Datasheet HTML 24Page - Texas Instruments TLV4021 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
9.2 Typical Application
9.2.1 Under-Voltage Detection
Under-voltage detection is frequently required in battery-powered, portable electronics to alert the system that a
battery voltage has dropped below the usable voltage level. Figure 9-4 shows a simple under-voltage detection
circuit using the TLV4041R1 which is a non-inverting comparator with an integrated 1.2 V reference and a push-
pull output stage. The non-inverting TLV4041 option was selected in this example since the micro-controller
required an active low signal when an undervoltage level occurs. However, if an active high signal was required,
the TLV4051 option with an inverting input stage would be utilized.
V
BAT
IN
OUT
V+
s5
ALERT
3.3V
Micro-
controller
V+
1.2V
+
t
TLV4041R1
R
1
R
2
Figure 9-4. Under-Voltage Detection
9.2.1.1 Design Requirements
For this design, follow these design requirements:
• Operate from 3.3 V power supply that powers the microcontroller.
• Under-voltage alert is active low.
• Logic low output when VBAT is less than 2.0V.
9.2.1.2 Detailed Design Procedure
Configure the circuit as shown in Figure 9-4. Connect (V+) to 3.3 V which also powers the micro-controller.
Resistors R1 and R2 create the under-voltage alert level of 2.0 V. When the battery voltage sags down to 2.0 V,
the resistor divider voltage crosses the (VIT-) threshold of the TLV4041R1. This causes the comparator output
to transition from a logic high to a logic low. The push-pull option of the TLV40x1 family is selected since the
comparator operating voltage is shared with the microcontroller which is receiving the under-voltage alert signal.
The TLV4041 option with the 1.2 V internal reference is selected because it is the closest internal reference
option that is less than the critical under-voltage level of 2.0 V. Choosing the internal reference option that is
closest to the critical under-voltage level minimizes the resistor divider ratio which optimizes the accuracy of
the circuit. Error at the falling edge threshold of (VIT-) is amplified by the inverse of the resistor divider ratio. So
minimizing the resistor divider ratio is a way of optimizing voltage monitoring accuracy.
www.ti.com
TLV4021, TLV4031, TLV4041, TLV4051
SNVSB04C – MARCH 2019 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV4021 TLV4031 TLV4041 TLV4051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com