Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZUSBOPTSC01ZAC Datasheet(PDF) 49 Page - Zilog, Inc.

Part # ZUSBOPTSC01ZAC
Description  Z8 Encore-R Motor Control Flash MCUs
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZUSBOPTSC01ZAC Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button ZUSBOPTSC01ZAC Datasheet HTML 45Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 46Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 47Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 48Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 49Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 50Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 51Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 52Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 402 page
background image
PS024604-1005
P R E L I M I N A R Y
External Pin Reset
Z8FMC16100 Series Flash MCU
Product Specification
27
External Pin Reset
The input-only RESET pin has a Schmitt-triggered input, an internal pull-up, an analog
filter and a digital filter to reject noise. Once the RESET pin is asserted for at least 4 sys-
tem clock cycles, the device progresses through the System Reset sequence. While the
RESET input pin is asserted Low, the Z8FMC16100 Series Flash MCU device continues
to be held in the Reset state. If the RESET pin is held Low beyond the System Reset time-
out, the device exits the Reset state 16 system clock cycles following RESET pin deasser-
tion. If the RESET pin is released before the System Reset time-out, the RESET pin is
driven Low by the chip until the completion of the time-out as described in the next sec-
tion. In STOP mode the digital filter is bypassed because the System Clock is disabled.
Following a System Reset initiated by the external RESET pin, the EXT status bit in the
Reset Status and Control Register is set to 1.
External Reset Indicator
During System Reset, the RESET pin functions as an open drain (active Low) reset mode
indicator in addition to the input functionality. This reset output feature allows a
Z8FMC16100 Series Flash MCU device to reset other components to which it is con-
nected, even if the reset is caused by internal sources such as POR, VBO, or WDT events
and as an indication of when the reset sequence completes.
Once an internal reset event occurs, the internal circuitry begins driving the RESET pin
Low. The RESET pin is held Low by the internal circuitry until the appropriate delay
listed in Table 6 has elapsed.
On-Chip Debugger Initiated Reset
A System Reset may be initiated via the On-Chip Debugger by setting RST bit of the
OCDCTL register. The On-Chip Debugger is not reset but the rest of the chip goes
through a normal system reset. The RST bit automatically clears during the system reset.
Following the system reset, the POR bit in the Reset Status and Control Register is set.
Fault Detect Logic Reset
Fault detect circuitry exists to detect illegal state changes which may be caused by tran-
sient power or electrostatic discharge events. When such a fault is detected, a system reset
is forced. Following the system reset, the FLTD bit in the Reset Status and Control Register
is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com