Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZUSBOPTSC01ZAC Datasheet(PDF) 78 Page - Zilog, Inc.

Part # ZUSBOPTSC01ZAC
Description  Z8 Encore-R Motor Control Flash MCUs
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZUSBOPTSC01ZAC Datasheet(HTML) 78 Page - Zilog, Inc.

Back Button ZUSBOPTSC01ZAC Datasheet HTML 74Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 75Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 76Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 77Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 78Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 79Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 80Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 81Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 82Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 402 page
background image
Interrupt Controller
P R E L I M I N A R Y
PS024604-1005
Z8 Encore!® Motor Control Flash MCUs
Product Specification
56
Table 30. Interrupt Request 0 Register (IRQ0)
BITS
7
6
5
4
3
2
1
0
FIELD
PWMI
FLTI
ADCI
CMPI
T0I
U0RXI
U0TXI
SPII
RESET
00
0
00
00
0
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FC0H
Bit
Position
Value
(H)
Description
[7]
PWMI
0
PWM Timer Interrupt Request
No interrupt request is pending for the Pulse-Width Modulator.
1
An interrupt request from the Pulse-Width Modulator is awaiting service.
[6]
FLTI
0
Fault Interrupt Request. The fault interrupt is generated in the PWM module and
originates from the Fault0 pin, Fault1 pin or the Comparator output. An interrupt
enable for each of these sources exists in the PWM module.
No Fault interrupt request is pending.
1
A Fault interrupt request is awaiting service.
[5]
ADCI
0
ADC Interrupt Request
No interrupt request is pending for the Analog to Digital Converter.
1
An interrupt request from the Analog to Digital Converter is awaiting service.
[4]
CMPI
0
Comparator Interrupt Request
No interrupt request is pending for the Comparators.
1
An interrupt request from the Comparators is awaiting service.
[3]
T0I
0
Timer 0 Interrupt Request
No interrupt request is pending for Timer 0.
1
An interrupt request from Timer 0 is awaiting service.
[2]
U0RXI
0
UART 0 Receiver Interrupt Request
No interrupt request is pending for the UART 0 receiver.
1
An interrupt request from the UART 0 receiver is awaiting service.
[1]
U0TXI
0
UART 0 Transmitter Interrupt Request
No interrupt request is pending for the UART 0 transmitter.
1
An interrupt request from the UART 0 transmitter is awaiting service.
[0]
SPII
0
SPI Interrupt Request
No interrupt request is pending for the SPI.
1
An interrupt request from the SPI is awaiting service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com