Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZUSBOPTSC01ZAC Datasheet(PDF) 39 Page - Zilog, Inc.

Part # ZUSBOPTSC01ZAC
Description  Z8 Encore-R Motor Control Flash MCUs
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZUSBOPTSC01ZAC Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button ZUSBOPTSC01ZAC Datasheet HTML 35Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 36Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 37Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 38Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 39Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 40Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 41Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 42Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 402 page
background image
PS024604-1005
P R E L I M I N A R Y
Z8FMC16100 Series Flash MCU
Product Specification
17
Register File Address Map
Table 5 provides the address map for the Register File of the Z8FMC16100 Series Flash
MCU.
Table 5. Register File Address Map
Address
(Hex)
Register Description
Mnemonic
Reset (Hex)
Page #
General Purpose RAM—Z8FMC16 devices with 512B On-Chip RAM
000–1FF
General-Purpose Register File RAM
—
XX
13
200–EFF
Reserved
—
XX
Timer 0
F00
Timer 0 High Byte Register (T0H)
T0H
00
103
F01
Timer 0 Low Byte Register (T0L)
T0L
01
103
F02
Timer 0 Reload High Byte Register (T0RH)
T0RH
FF
104
F03
Timer 0 Reload Low Byte Register (T0RL)
T0RL
FF
104
F04
Timer 0 PWM High Byte Register (T0PWMH)
T0PWMH
00
105
F05
Timer 0 PWM Low Byte Register (T0PWML)
T0PWML
00
105
F06
Timer 0 Control 0 Register (T0CTL0)
T0CTL0
00
106
F07
Timer 0 Control 1 Register (T0CTL1)
T0CTL1
00
107
F08
ADC Timer 0 Capture Register, High Byte
ADCTCAP_H
XX
208
F09
ADC Timer 0 Capture Register, Low Byte
ADCTCAP_L
XX
209
F0A–F1F
Reserved
—
XX
Pulse-Width Modulator
F20
PWM Control 0 Register
PWMCTL0
00
78
F21
PWM Control 1 Register
PWMCTL1
00
80
F22
PWM Deadband Register
PWMDB
00
81
F23
PWM Minimum Pulse Width Filter
PWMMPF
00
82
F24
PWM Fault Mask Register
PWMFM
00
82
F25
PWM Fault Status Register
PWMFSTAT X0X0-0XXXb
83
Note: XX = undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com