Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZUSBOPTSC01ZAC Datasheet(PDF) 26 Page - Zilog, Inc.

Part # ZUSBOPTSC01ZAC
Description  Z8 Encore-R Motor Control Flash MCUs
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZUSBOPTSC01ZAC Datasheet(HTML) 26 Page - Zilog, Inc.

Back Button ZUSBOPTSC01ZAC Datasheet HTML 22Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 23Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 24Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 25Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 26Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 27Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 28Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 29Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 30Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 402 page
background image
Introduction
P R E L I M I N A R Y
PS024604-1005
Z8 Encore!® Motor Control Flash MCUs
Product Specification
4
Analog Comparator
The Z8FMC16100 Series Flash MCU features an on-chip analog comparator with external
input pins.
Operational Amplifier
The Z8FMC16100 Series Flash MCU features a two-input, one-output operational ampli-
fier.
General Purpose I/O
The Z8FMC16100 Series Flash MCU features 17 general purpose I/O (GPIO). Each pin is
individually programmable.
Flash Controller
The Flash Controller programs and erases the Flash memory. The Z8FMC16100 Series
Flash MCU products contain 16KB of on-chip Flash memory. A sector protection scheme
allows for flexible protection of user code.
Random Access Memory (RAM)
512B of internal RAM provides storage space for data, variables, and stack operations.
UART with LIN and IrDA
A full-duplex 9-bit UART provides serial, asynchronous communication and supports the
Local Interconnect Network (LIN) serial communications protocol. UART communica-
tion is full-duplex and capable of handling asynchronous data transfers. The UARTs sup-
port 8- and 9-bit data modes, selectable parity, and an efficient bus transceiver Driver
Enable signal for controlling a multitransceiver bus, such as RS-485. The LIN bus is a
cost-efficient single master, multiple slave organization that supports speeds up to 20K/
bits.
Serial Peripheral Interface
The serial peripheral interface (SPI) allows the Z8 Encore!® to exchange data between
other peripheral devices such as EEPROMs, A/D converters and ISDN devices. The SPI is
a full-duplex, synchronous, character-oriented channel that supports a four-wire interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com