Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZUSBOPTSC01ZAC Datasheet(PDF) 24 Page - Zilog, Inc.

Part # ZUSBOPTSC01ZAC
Description  Z8 Encore-R Motor Control Flash MCUs
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZUSBOPTSC01ZAC Datasheet(HTML) 24 Page - Zilog, Inc.

Back Button ZUSBOPTSC01ZAC Datasheet HTML 20Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 21Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 22Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 23Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 24Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 25Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 26Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 27Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 28Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 402 page
background image
Introduction
P R E L I M I N A R Y
PS024604-1005
Z8 Encore!® Motor Control Flash MCUs
Product Specification
2
Block Diagram
Figure 1 illustrates the architecture of the Z8FMC16100 Series Flash MCU.
Figure 1. Z8FMC16100 Series Flash MCU Block Diagram
Analog Supply
and Reference
UART with LIN
and IrDA
I2C
Master/Slave
SPI
Operational
Amplifier
A/D Converter
16-Bit Counter/
Timer/PWM
Digital Supply
Interrupt Control
Reset Control
Watch-Dog Timer
RC Oscillator
Internal Precision
Oscillator
Oscillator Control
Internal/External
Debugger
Register File (RAM)
512B x 8
Flash Program
Memory
Up to 16K x 8
Comparator
1
2
1
2
3
6
8
eZ8
20 MHz CPU
8
1
12-Bit PWM Module
for Motor Control
Port A
Port B
Port C
8-Channel
Multiplexer
Sample and Hold
Fault
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com