Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZUSBOPTSC01ZAC Datasheet(PDF) 85 Page - Zilog, Inc.

Part # ZUSBOPTSC01ZAC
Description  Z8 Encore-R Motor Control Flash MCUs
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZUSBOPTSC01ZAC Datasheet(HTML) 85 Page - Zilog, Inc.

Back Button ZUSBOPTSC01ZAC Datasheet HTML 81Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 82Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 83Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 84Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 85Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 86Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 87Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 88Page - Zilog, Inc. ZUSBOPTSC01ZAC Datasheet HTML 89Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 402 page
background image
PS024604-1005
P R E L I M I N A R Y
Operation
Z8FMC16100 Series Flash MCU
Product Specification
63
Watch-Dog Timer
The Watch-Dog Timer (WDT) helps protect against corrupted or unreliable software and
other system-level problems which may place the Z8FMC16100 Series Flash MCU into
unsuitable operating states. The Watch-Dog Timer includes the following features:
• On-chip RC oscillator
• A selectable time-out response: Reset or System Exception
• 16-bit programmable time-out value
Operation
The Watch-Dog Timer (WDT) is a retriggerable one-shot timer that resets or interrupts the
Z8FMC16100 Series Flash MCU when the WDT reaches its terminal count. The Watch-
Dog Timer uses its own dedicated on-chip RC oscillator as its clock source. The Watch-
Dog Timer has only two modes of operation—on and off. Once enabled, it always counts
and must be refreshed to prevent a time-out. An enable can be performed by executing the
WDT instruction or by setting the WDT_AO Option Bit. The WDT_AO bit enables the Watch-
Dog Timer to operate all the time, even if a WDT instruction has not been executed.
To minimize power consumption, the RC oscillator can be disabled. The RC oscillator is
disabled by clearing the WDTEN bit in the Oscillator Control Register. If the RC oscillator
is disabled, the WDT will not operate.
The Watch-Dog Timer is a 16-bit reloadable downcounter that uses two 8-bit registers in
the eZ8 CPU register space to set the reload value. The nominal WDT time-out period is
calculated by the following equation:
where the WDT reload value is assigned by {WDTH[7:0], WDTL[7:0]} and the typical
Watch-Dog Timer RC oscillator frequency is 10KHz. The user should consider system
requirements when selecting the time out delay. Table 39 provides information on approx-
imate time-out delays for the default and maximum WDT reload values.
WDT Time-Out Period (ms) =
WDT Reload Value
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com