Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 25 Page - Texas Instruments

Part # OPAX607
Description  OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 21Page - Texas Instruments OPAX607 Datasheet HTML 22Page - Texas Instruments OPAX607 Datasheet HTML 23Page - Texas Instruments OPAX607 Datasheet HTML 24Page - Texas Instruments OPAX607 Datasheet HTML 25Page - Texas Instruments OPAX607 Datasheet HTML 26Page - Texas Instruments OPAX607 Datasheet HTML 27Page - Texas Instruments OPAX607 Datasheet HTML 28Page - Texas Instruments OPAX607 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
9.2.4 Low-Cost, Low Side, High-Speed Current Sensing
+
±
3.3V
1NŸ
1NŸ
VREF =1.24V
ISH
LOAD
OPA607
688 Ÿ
240 pF
GND
GND
GND
GND
3.3V
20 NŸ
RSH
ADS7042
CF
CF
VOUT
VADC
Figure 9-12. Low Side Current Sensing
9.2.4.1 Design Requirements
The objective is to design a high-speed, high-gain bidirectional current-sensing circuit for power systems and
motor drive systems. Section 9.2.4.2 lists the design requirements of this application.
Table 9-3. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Amplifier and ADC supply
3.3 V
Peak current to be measured from load to ground
20 A
Peak current to be measured from ground to load
12 A
Required Accuracy of current measurement
0.1%
Signal-Setting time at ADC input
< 1 µs
Current sensing direction
Bidirectional
9.2.4.2 Detailed Design Procedure
The aim of this application section is to measure bidirectional current with relatively high accuracy in a low-side-
sensing-based, high-frequency switching system.
As shown in Figure 9-12, a single op amp of high bandwidth is capable of sensing current in a high gain
configuration as well as have the required effective bandwidth to drive the consecutive SAR ADC input. The SAR
ADC can be a standalone ADC or integrated inside a Micro-controller.
VOUT = (20 kΩ / 1 kΩ × VDIFF) + VREF, where VDIFF = ISH X RSH
(2)
The reference voltage is 1.24 V. When the ISH flowing across RSH equals zero, the VOUT of the difference
amplifier sits ideal at 1.24 V.
When the current (ISH) flows from LOAD to GND, the output of the OPAx607 increase above 1.24 V with a value
equal to 20 × VSH and when the current flows from GND to LOAD (in the opposite direction) the output of the
OPAx607 decrease below 1.24 V with a value proportional to 20 × VSH.
One of the main challenges in a high speed current sensing design is to choose an op amp of with sufficient
GBW that can drive a SAR ADC, while still being able to gain the signal by the required amount. The 0.1% and
0.01% settling of OPAx607 can found in Section 7.5. Another key care about is to ensure the op amp output
rises in less than 1 µs so as to feed the output to a comparator for short-circuit protection. This comparator
based short circuit protection loop is extremely fast and enables to turn off the switching devices very quickly.
This requirement makes a low cost high speed part like the OPAx607 very desirable in a current-sensing circuit.
Equation of the rise time as a function of bandwidth is shown below.
www.ti.com
OPA607, OPA2607
SBOS981F – OCTOBER 2019 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com