Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPAX607
Description  OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 4 Page - Texas Instruments

  OPAX607 Datasheet HTML 1Page - Texas Instruments OPAX607 Datasheet HTML 2Page - Texas Instruments OPAX607 Datasheet HTML 3Page - Texas Instruments OPAX607 Datasheet HTML 4Page - Texas Instruments OPAX607 Datasheet HTML 5Page - Texas Instruments OPAX607 Datasheet HTML 6Page - Texas Instruments OPAX607 Datasheet HTML 7Page - Texas Instruments OPAX607 Datasheet HTML 8Page - Texas Instruments OPAX607 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
6 Pin Configuration and Functions
OUT
V
S+
V
S±
5
IN-
IN+
Figure 6-1. DBV Package 5-Pin SOT-23 Top View
5
6
PD
OUT
V
S+
V
S±
Figure 6-2. DCK Package 6-Pin SC70 Top View
1
2
3
5
6
7
4
8
PD
N/C
V
S+
V
6¤
IN-
IN+
N/C
OUT
Figure 6-3. RUG Package (Preview) 8-Pin X2QFN Top View
Pin Functions - Single Channel
PIN
I/O(1)
DESCRIPTION
NAME
DBV
DCK
RUG
IN–
4
3
3
I
Inverting input
IN+
3
1
5
I
Noninverting input
OUT
1
4
1
O
Output
PD
—
5
8
I
Low = amplifier disabled, high = amplifier enabled; see the
Power-Down Mode section for more information.
VS–
2
2
4
P
Negative supply or ground (for single-supply operation)
VS+
5
6
7
P
Positive supply
N/C
—
—
2,6
N/C
No connection (can be left floating)
(1)
I = input, O = output, and P = power.
OPA607, OPA2607
SBOS981F – OCTOBER 2019 – REVISED SEPTEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com