Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 20 Page - Texas Instruments

Part # OPAX607
Description  OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 16Page - Texas Instruments OPAX607 Datasheet HTML 17Page - Texas Instruments OPAX607 Datasheet HTML 18Page - Texas Instruments OPAX607 Datasheet HTML 19Page - Texas Instruments OPAX607 Datasheet HTML 20Page - Texas Instruments OPAX607 Datasheet HTML 21Page - Texas Instruments OPAX607 Datasheet HTML 22Page - Texas Instruments OPAX607 Datasheet HTML 23Page - Texas Instruments OPAX607 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The OPAx607 devices feature a 50-MHz gain bandwidth with 900 µA of supply current, providing good AC
performance at low-power consumption. The low input noise voltage of 3.8 nV/√ Hz, the approximate pA of bias
current, and a typical input offset voltage of 0.1 mV make the device very suitable for both AC and DC
applications.
9.2 Typical Applications
9.2.1 100-kΩ Gain Transimpedance Design
The high GBW and low input voltage and current noise for the OPAx607 devices make it an excellent wideband
transimpedance amplifier for moderate to high transimpedance gains.
VOUT
+5 V
GND
+
±
RF
100 k
OPAx607
Supply decoupling
not shown
CD
3 pF
CDIFF
11.5 pF
CCM
5.5 pF
OPA607's input differential and
common-mode capacitance
+0.5 V
CF
1.1 pF
IPD
VOUT = IPD X RF
Figure 9-1. Wideband, High-Sensitivity, Transimpedance Amplifier
9.2.1.1 Design Requirements
Design a high-bandwidth, high-transimpedance-gain amplifier with the design requirements shown in Table 9-1.
Table 9-1. Design Requirements
TARGET BANDWIDTH (MHz) TRANSIMPEDANCE-GAIN (kΩ)
PHOTODIODE CAPACITANCE
(pF)
2
100
3
OPA607, OPA2607
SBOS981F – OCTOBER 2019 – REVISED SEPTEMBER 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com