Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPAX607
Description  OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 18Page - Texas Instruments OPAX607 Datasheet HTML 19Page - Texas Instruments OPAX607 Datasheet HTML 20Page - Texas Instruments OPAX607 Datasheet HTML 21Page - Texas Instruments OPAX607 Datasheet HTML 22Page - Texas Instruments OPAX607 Datasheet HTML 23Page - Texas Instruments OPAX607 Datasheet HTML 24Page - Texas Instruments OPAX607 Datasheet HTML 25Page - Texas Instruments OPAX607 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
9.2.2 Noninverting Gain of 3 V/V
The OPAx607 devices are normally stable in noise gain configurations (see SBOA066) of greater than 6 V/V
when conventional feedback networks are used, which is discussed in Section 8.3.4. The OPAx607 devices can
be configured in noise gains of less than 6 V/V by using capacitors in the feedback path and between the inputs
to maintain the desired gain at lower frequencies and increase the gain greater that 6 V/V at higher frequencies
such that the amplifier is stable. Configuration (a) in Figure 9-6 shows OPAx607 devices configured in a gain of 3
V/V by using capacitors and resistors to shape the noise gain and achieve a phase margin of approximately 56°
that is very close to the phase margin achieved for the conventional 6 V/V configuration (b) in Figure 9-6.
The key benefit of using a decompensated amplifier (such as the OPAx607) below the minimum stable gain, is
that it takes advantage of the low noise and low distortion performance at quiescent powers smaller than
comparable unity-gain stable architectures. By reducing the 100-pF input capacitor, higher closed-loop
bandwidth can be achieved at the expense of increased peaking and reduced phase margin. Ensure that low
parasitic capacitance layout techniques on the IN– pin are as small as 1 pF to 2 pF of parasitic capacitance on
the inverting input, which will require tweaking the noise-shaping component values to get a flat frequency
response and the desired phase margin. Configurations in Figure 9-6 does not take into account this parasitic
capacitance but it must be considered for practical purposes. Details on the benefits of decompensated
architectures are discussed in Using a decompensated op amp for improved performance. The one-capacitor,
externally compensated type method is used for noise gain shaping in the below circuit.
In a difference amplifier circuit, typically used for low side current sensing applications, the (noise gain) = (signal
gain + 1).
VO
+5 V
0 V
+
±
2 k
2.5 pF
OPAx607
VIN
1 k
100 pF
(a) G = 3 V/V
VO
+5 V
0 V
+
±
OPAx607
VIN
1 k
(b) G = 6 V/V
470
5 k
2.5 pF
+
±
+5 V
1NŸ
1NŸ
ISH
LOAD
GND
2 NŸ
2 NŸ
RSH
0V
2.5 pF
2.5 pF
GND
(c) G = 2 V/V
OPAx607
100 pF
470
Figure 9-6. Noninverting Gain of 3 V/V, 6 V/V Configurations and Difference Amplifier in Signal Gain of 2
V/V.
OPA607, OPA2607
SBOS981F – OCTOBER 2019 – REVISED SEPTEMBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com