Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPAX607
Description  OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 8Page - Texas Instruments OPAX607 Datasheet HTML 9Page - Texas Instruments OPAX607 Datasheet HTML 10Page - Texas Instruments OPAX607 Datasheet HTML 11Page - Texas Instruments OPAX607 Datasheet HTML 12Page - Texas Instruments OPAX607 Datasheet HTML 13Page - Texas Instruments OPAX607 Datasheet HTML 14Page - Texas Instruments OPAX607 Datasheet HTML 15Page - Texas Instruments OPAX607 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Capacitive Load (pF)
10
20
30
40
50
60
70
80
90
100
0
3
6
9
12
15
18
21
24
27
D015
VS = 5 V, Overshoot
VS = 5 V, Undershoot
VS = 2.2 V, Overshoot
VS = 2.2 V, Undershoot
VOUT = 200 mVPP
Figure 7-19. Overshoot vs Capacitive Load
Time (Psec)
-1
0
1
2
3
4
5
6
5
10
15
20
0
D016
VOUT
VPD
Figure 7-20. Turn-On and Turn-Off Time
PD Pin Voltage (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0.5
1
0
1.5
2
2.5
3
D033
PD Sweep from VS- to VS+
PD Sweep from VS+ to VS-
Figure 7-21. Power Down Pin Bias Current vs
Power Down Pin Voltage
Input Offset Voltage (mV)
0
500
1000
1500
2000
2500
3000
3500
4000
D022
VS = 5.5V
VS = 2.2V
9000 units
Figure 7-22. Input Offset Voltage Distribution
Ambient Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-100
-80
-60
-40
-20
0
20
40
60
80
100
D023
32 Units, Normalized to
Zero at 25°C
Figure 7-23. Input Offset Voltage vs Temperature
Offset Voltage Drift (PV/qC)
0
1
2
3
4
5
6
7
8
9
10
11
12
D024
32 Units, –40°C to +125°C
Figure 7-24. Input Offset Drift Distribution
OPA607, OPA2607
SBOS981F – OCTOBER 2019 – REVISED SEPTEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com