Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPAX607
Description  OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 13Page - Texas Instruments OPAX607 Datasheet HTML 14Page - Texas Instruments OPAX607 Datasheet HTML 15Page - Texas Instruments OPAX607 Datasheet HTML 16Page - Texas Instruments OPAX607 Datasheet HTML 17Page - Texas Instruments OPAX607 Datasheet HTML 18Page - Texas Instruments OPAX607 Datasheet HTML 19Page - Texas Instruments OPAX607 Datasheet HTML 20Page - Texas Instruments OPAX607 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
8.3.3 Input and ESD Protection
When the primary design goal is a linear amplifier with high CMRR, do not exceed the op amp input common-
mode voltage range (VCM). This CMRR is used to set the common-mode input range specifications in Section
7.5. The typical VCM specifications for the OPAx607 devices are from the negative rail to 1.1 V below the positive
rail. Assuming the op amp is in linear operation, the voltage difference between the input pins is small (ideally 0
V) and the input common-mode voltage can be analyzed at either input pin; the other input pin is assumed to be
at the same potential. The voltage at VIN+ is easy to evaluate. In a noninverting configuration (Figure 8-1) the
input signal, VIN+, must not exceed the VCM rating. However, in an inverting amplifier configuration, VIN+ must be
connected to the voltage within VCM. The input signal applied at VIN- can be any voltage, such that the output
voltage swings with a headroom of 10 mV from either of the supply rails.
The input voltage limits have fixed headroom to the power rails and track the power-supply voltages. For single
5-V supply, the linear input voltage range is 0 V to 3.9 V and with a 2.2-V supply this range is 0 V to 1.1 V. The
headroom to each power-supply rail is the same in either case: 0 V and 1.1 V. A weak NMOS input pair from
VIN+ to VIN+ – 1.1 V ensures that an output phase reversal issue does not occur when the VCM is violated.
Power-Supply
ESD Cell
VSS
VDD
TVS
VS+
OPAx607
+
±
V6¤
OUT
IN+
IN-
PD
Figure 8-4. Internal ESD Structure
The OPAx607 devices also incorporate internal electrostatic discharge (ESD) protection circuits on all pins. For
the input and output pins, this protection primarily consists of current-steering diodes connected between the
input and power-supply pins. These ESD protection diodes provides input overdrive protection, as long as the
current is limited with a series resistor to 10 mA, as stated in the Section 7.1. Figure 8-1 shows a series input
resistor can be added to the driven input to limit the input current.
www.ti.com
OPA607, OPA2607
SBOS981F – OCTOBER 2019 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com