Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25WP064A-RBLE Datasheet(PDF) 108 Page - Integrated Silicon Solution, Inc

Part # IS25WP064A-RBLE
Description  1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP064A-RBLE Datasheet(HTML) 108 Page - Integrated Silicon Solution, Inc

Back Button IS25WP064A-RBLE Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS25WP064A-RBLE Datasheet HTML 104Page - Integrated Silicon Solution, Inc IS25WP064A-RBLE Datasheet HTML 105Page - Integrated Silicon Solution, Inc IS25WP064A-RBLE Datasheet HTML 106Page - Integrated Silicon Solution, Inc IS25WP064A-RBLE Datasheet HTML 107Page - Integrated Silicon Solution, Inc IS25WP064A-RBLE Datasheet HTML 108Page - Integrated Silicon Solution, Inc IS25WP064A-RBLE Datasheet HTML 109Page - Integrated Silicon Solution, Inc IS25WP064A-RBLE Datasheet HTML 110Page - Integrated Silicon Solution, Inc IS25WP064A-RBLE Datasheet HTML 111Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 108 / 111 page
background image
IS25WP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
108
Rev. 00D
03/01/2016
10.6 24-BALL THIN PROFILE FINE PITCH BGA 6X8MM 5X5 BALL ARRAY (H)
Note: All dimensions are in millimeters. Lead co-planarity is 0.08mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com