Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS02 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST1PS02
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and AUX switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS02 Datasheet(HTML) 3 Page - STMicroelectronics

  ST1PS02 Datasheet HTML 1Page - STMicroelectronics ST1PS02 Datasheet HTML 2Page - STMicroelectronics ST1PS02 Datasheet HTML 3Page - STMicroelectronics ST1PS02 Datasheet HTML 4Page - STMicroelectronics ST1PS02 Datasheet HTML 5Page - STMicroelectronics ST1PS02 Datasheet HTML 6Page - STMicroelectronics ST1PS02 Datasheet HTML 7Page - STMicroelectronics ST1PS02 Datasheet HTML 8Page - STMicroelectronics ST1PS02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2
Pin configuration
Figure 2. TQFN12 package (top through view)
Table 2. Pin description
Name
Bump name
Description
AUX
1
Enable for the auxiliary output voltage
VIN
2
Input supply voltage. Bypass this pin to ground with a 10 μF capacitor
SW
3
Switching output. Inductor connection
GND
4
Ground
VOUT
5
Sense pin used to monitor output voltage
Vout2
6
Auxiliary output pin with OCP (100 mA max. load)
PGOOD
7
Open drain output. It is in high impedance when the output regulation reaches 97%
CL
8
Current limit set. Connect to GND sets the default value (700 mA). An external resistor connected to
GND can be used to adjust this parameter with a lower value (resistor values are reported on
Table 6. Electrical characteristics
D0
9
Output voltage selection inputs ( refer to the order code table)
D1
10
D2
11
EN
12
Enable pin. High logic level on the IC. VIN threshold referred
ST1PS02
Pin configuration
DS13206 - Rev 1
page 3/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com