Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS02 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST1PS02
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and AUX switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS02 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST1PS02 Datasheet HTML 7Page - STMicroelectronics ST1PS02 Datasheet HTML 8Page - STMicroelectronics ST1PS02 Datasheet HTML 9Page - STMicroelectronics ST1PS02 Datasheet HTML 10Page - STMicroelectronics ST1PS02 Datasheet HTML 11Page - STMicroelectronics ST1PS02 Datasheet HTML 12Page - STMicroelectronics ST1PS02 Datasheet HTML 13Page - STMicroelectronics ST1PS02 Datasheet HTML 14Page - STMicroelectronics ST1PS02 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
8
Typical performance characteristics
Figure 4. Efficiency vs load, VOUT = 1.8 V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.001
0.01
0.1
1
10
100
1000
Load current [mA]
Vin 2.8V
Vin 3.2V
Vin 3.6V
Vin 4.2V
Vin 5V
L= 2.2 µH
Cout = 10 µF
Figure 5. Efficiency vs VIN, VOUT = 1.8 V
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
2.8
3.3
3.8
4.3
4.8
Input voltage [V]
Iout 100µA
Iout 1mA
Iout 50mA
Iout 100mA
Iout 200mA
L = 2.2 µH
Cout = 10 µF
Figure 6. Efficiency vs load, VOUT = 2.5 V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.001
0.01
0.1
1
10
100
1000
Load current [mA]
Vin 3.2V
Vin 3.6V
Vin 4.2V
Vin 5V
L=2.2 µH
Cout=10 µF
Figure 7. Efficiency vs VIN, VOUT = 2.5 V
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
Input voltage [V]
Iout 100µA
Iout 1mA
Iout 50mA
Iout 100mA
Iout 200mA
L=2.2 µH
Cout=10 µF
ST1PS02
Typical performance characteristics
DS13206 - Rev 1
page 11/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com