Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS02 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1PS02
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and AUX switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS02 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1PS02 Datasheet HTML 3Page - STMicroelectronics ST1PS02 Datasheet HTML 4Page - STMicroelectronics ST1PS02 Datasheet HTML 5Page - STMicroelectronics ST1PS02 Datasheet HTML 6Page - STMicroelectronics ST1PS02 Datasheet HTML 7Page - STMicroelectronics ST1PS02 Datasheet HTML 8Page - STMicroelectronics ST1PS02 Datasheet HTML 9Page - STMicroelectronics ST1PS02 Datasheet HTML 10Page - STMicroelectronics ST1PS02 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
ILIMSS
High-side MOSFET switch
current limit during soft-start
Reduced switch current limit during soft-start period
(typ. 400 µs)
200 280
360
mA
Power Good output (PGOOD)
Vthpg-
Power Good threshold voltage
Rising output voltage on VOUT pin, referred to VOUT
selected (D0, D1, D2)
95
97.5
%
VthpgH
Hysteresis
-4
-3.5
-2.5
VOL
Low level output voltage
1.8 V ≤ VIN ≤ 5.5 V, EN = GND, current into PGOOD
pin, IPGOOD = 4 mA
0.23
V
Auxiliary output (Vout2)
RAUX
High-side MOSFET on-
resistance
ILoad=100 mA, Aux=VIN
0.6
0.8
Ω
Rdisc2
Low-side MOSFET on-resistance
(discharger)
ILoad=100 mA, Aux=GND
30
50
tr_aux
Vaux rise time
Starting with AUX low-to-high transition, time to ramp
VLOAD from 0 V to 95% VOUT = 1.8 V,
2.2 V ≤ VIN ≤ 5.5 V, ILOAD = 1 mA
315
600
µs
ST1PS02
Electrical characteristics
DS13206 - Rev 1
page 7/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com