Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS02 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST1PS02
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and AUX switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS02 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST1PS02 Datasheet HTML 2Page - STMicroelectronics ST1PS02 Datasheet HTML 3Page - STMicroelectronics ST1PS02 Datasheet HTML 4Page - STMicroelectronics ST1PS02 Datasheet HTML 5Page - STMicroelectronics ST1PS02 Datasheet HTML 6Page - STMicroelectronics ST1PS02 Datasheet HTML 7Page - STMicroelectronics ST1PS02 Datasheet HTML 8Page - STMicroelectronics ST1PS02 Datasheet HTML 9Page - STMicroelectronics ST1PS02 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
5
Electrical characteristics
C1= 10 µF, C2= 10 µF, C3= 10 µF, L1=2.2 µH, VIN=3.6 V, VEN= VIN, VOUT=1.8 V, TA=25 °C unless otherwise
specified.
Table 6. Electrical characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
General section
IQ
Quiescent current
EN=VIN, AUX=GND, IOUT=0 µA,
VOUT=1.8 V, device does not switch,
VIN=2.5 V to 5.5 V
500 1000
nA
EN=VIN, AUX=VIN, IOUT=ouA, VOUT=1.8 V,
device not switching
2
4
µA
ISD
Shutdown current
EN=GND, shutdown current into VIN
10
200
nA
VUVLO
Undervoltage lockout threshold
VIN rising
1.63 1.72
V
VIN falling
1.51 1.57
V
Hysteresis
65
mV
Vth100%+ 100% mode leave threshold
VIN rising, 100% mode is disabled with VIN = VOUTnom
+ Vth100%+
300
mV
Vth100%- 100% mode enter threshold
VIN falling, 100% mode is entered with VIN = VOUTnom
+ Vth100%-
200
Output voltage
VOUT
Output voltage range
Output voltages are selected with pins D0, D1, D2
1.0
3.3
V
Output voltage accuracy
VIN = 3.6 V, whole VOUT range, IOUT=100 mA
-1.5
1.5
%
tONmin
Minimum on-time
VIN = 3.6 V, VOUT= 2 V, IOUT= 0 mA
225
ns
tOFFmin Minimum off-time
VIN=2.3V
50
ns
tstartupd Start-up delay time
VEN from low to high, VIN = 3.6 V, VOUT = 1.8 V
1
5
ms
ROUTDIS
Output discharge MOSFET on-
resistance
VEN= GND
30
Ω
Logic inputs (EN, D0, D1)
VIL
Low level input voltage threshold
VIN=1.8 V to 5.5 V
0.3
V
VIH
High level input voltage threshold
1
Power switch
RDS(on)
High-side MOSFET on-
resistance
VIN = 3.6 V, Isw = 400 mA
0.38 0.45
Ω
Low-side MOSFET on-resistance
0.14
0.2
ILIM1
High-side MOSFET switch
current limit
1.8 V ≤ VIN ≤ 5.5 V, CL=GND
750
1000
mA
ILIM2
High-side MOSFET switch
current limit
1.8 V ≤ VIN ≤ 5.5 V, CL=1 MΩ
500
800
ILIM3
High-side MOSFET switch
current limit
1.8 V ≤ VIN ≤ 5.5 V, CL=2.2 MΩ
250
mA
ST1PS02
Electrical characteristics
DS13206 - Rev 1
page 6/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com