Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS02 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST1PS02
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and AUX switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS02 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST1PS02 Datasheet HTML 15Page - STMicroelectronics ST1PS02 Datasheet HTML 16Page - STMicroelectronics ST1PS02 Datasheet HTML 17Page - STMicroelectronics ST1PS02 Datasheet HTML 18Page - STMicroelectronics ST1PS02 Datasheet HTML 19Page - STMicroelectronics ST1PS02 Datasheet HTML 20Page - STMicroelectronics ST1PS02 Datasheet HTML 21Page - STMicroelectronics ST1PS02 Datasheet HTML 22Page - STMicroelectronics ST1PS02 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
List of figures
Figure 1.
ST1PS02 application schematic ........................................................ 2
Figure 2.
TQFN12 package (top through view) ..................................................... 3
Figure 3.
Block diagram .................................................................... 9
Figure 4.
Efficiency vs load, VOUT = 1.8 V ....................................................... 11
Figure 5.
Efficiency vs VIN, VOUT = 1.8 V ........................................................ 11
Figure 6.
Efficiency vs load, VOUT = 2.5 V ....................................................... 11
Figure 7.
Efficiency vs VIN, VOUT = 2.5 V ........................................................ 11
Figure 8.
100% mode, VOUT = 1.8 V, 50 mA load .................................................. 12
Figure 9.
100% mode, VOUT = 2.5 V, 50 mA load .................................................. 12
Figure 10.
VOUT change, 1.8 V to 2.5 V to 1.8 V, IOUT = 5 mA, VIN = 3.6 V.................................. 12
Figure 11.
Output ripple, VIN=3.6 V, VOUT = 1.8 V, IOUT = 10 µA ......................................... 12
Figure 12.
Output ripple, VIN=3.6 V, VOUT =1.8 V, IOUT = 1 mA.......................................... 12
Figure 13.
Output ripple, VIN=3.6 V, VOUT =1.8 V, IOUT = 50 mA ......................................... 12
Figure 14.
Output ripple, VIN=3.6 V, VOUT =1.8 V, IOUT = 150 mA ........................................ 13
Figure 15.
Output ripple, VIN=3.6 V, VOUT =1.8 V, IOUT = 250 mA ........................................ 13
Figure 16.
Start-up, VIN=3.6 V, VOUT=1.8 V, no load ................................................. 13
Figure 17.
Disable, VIN=3.6 V, VOUT =1.8 V, no load ................................................. 13
Figure 18.
Start-up, VIN=3.6 V, VOUT=1.8 V, IOUT = 100 mA ............................................ 13
Figure 19.
Disable, VIN=3.6 V, VOUT = 1.8 V, IOUT = 100 mA ........................................... 13
Figure 20.
Load transient, VIN=3.6 V, VOUT=1.8 V, IOUT =50 µA to 10 mA .................................. 14
Figure 21.
Load transient, VIN=3.6 V, VOUT=1.8 V, IOUT = 0 to 100 mA .................................... 14
Figure 22.
Load transient, VIN=3.6 V, VOUT=1.8 V, IOUT = 10 to 100 mA ................................... 14
Figure 23.
Start-up, VIN = 3.6 V, Vout2 = 1.8 V, no load ............................................... 14
Figure 24.
Disable, VIN = 3.6 V, Vout2 = 1.8 V, no load ............................................... 14
Figure 25.
Start-up, VIN = 3.6, Vout2 = 1.8 V, IOUT = 100 mA ........................................... 14
Figure 26.
Disable, VIN = 3.6 V, Vout2 = 1.8 V, IOUT = 100 mA .......................................... 15
Figure 27.
TQFN12 (2.0x1.7x0.55 mm) package outline .............................................. 16
Figure 28.
TQFN12 (2.0x1.7x0.55 mm) recommended footprint ......................................... 17
ST1PS02
List of figures
DS13206 - Rev 1
page 22/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com