Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS02 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST1PS02
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and AUX switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS02 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST1PS02 Datasheet HTML 5Page - STMicroelectronics ST1PS02 Datasheet HTML 6Page - STMicroelectronics ST1PS02 Datasheet HTML 7Page - STMicroelectronics ST1PS02 Datasheet HTML 8Page - STMicroelectronics ST1PS02 Datasheet HTML 9Page - STMicroelectronics ST1PS02 Datasheet HTML 10Page - STMicroelectronics ST1PS02 Datasheet HTML 11Page - STMicroelectronics ST1PS02 Datasheet HTML 12Page - STMicroelectronics ST1PS02 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
6
ST1PS02 block diagram
Figure 3. Block diagram
d
EN
VIN
D0
D1
PGOOD
SW
VOUT
GND
Bandgap/Bias
CTRL
Logic
VIN
L
Zero
Crossing
Comp.
C1
Rpu
Vout
Selection
Logic
VIN
Vuvlo
UVLO Comp
.
Driver/
Anti-cross
conduction
circuitry
-
+
+
+
Peak and Valley
CURRENT LIMIT
-
+
-
+
+
-
-
+
Output
Discharge
D2
CL
Vout2
C3
VOUT2
Discharge
Current slew
Rate CTRL
Aux
C2
Compensation
Soft-start
ramp
Min. ON time
Min. OFF time
Pulse freq.
detection
VOUT
VSW
VFB
Vref
VFB
Vref
PWM
VOUT
VSW
High current
mode
VSW
Vth 100%
VIN
VIN
VOUT
Vref
TON
100%
Mode
comp.
ST1PS02
ST1PS02 block diagram
DS13206 - Rev 1
page 9/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com