Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMT01HTA/EM Datasheet(PDF) 10 Page - Texas Instruments

Part # PLMT01HTA/EM
Description  radiation hardened 2-pin precision digital output temperature sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMT01HTA/EM Datasheet(HTML) 10 Page - Texas Instruments

Back Button PLMT01HTA/EM Datasheet HTML 6Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 7Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 8Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 9Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 10Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 11Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 12Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 13Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
VN
Voltage
Regulator
and
Output
Signal
Conditioning
VP
LMT01-SP
Interface
Data
ADC
VREF
Thermal Diode
Analog Circuitry
Chip VDD
Chip VSS
10
LMT01-SP
SNIS205 – JANUARY 2019
www.ti.com
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LMT01-SP uses thermal diode analog circuitry to detect the temperature. The temperature signal is then
amplified and applied to the input of a ΣΔ ADC that is driven by an internal reference voltage. The ΣΔ ADC
output is then processed through the interface circuitry into a digital pulse train. The digital pulse train is then
converted to a current pulse train by the output signal conditioning circuitry that includes high and low current
regulators. The voltage applied across the pins of the LMT01-SP is regulated by an internal voltage regulator to
provide a consistent Chip VDD used by the ADC and its associated circuitry.
The current pulse train output can be converted into a voltage with a single resistor. A simple microcontroller
comparator or external transistor can be used convert this signal to valid logic levels the microcontroller can
process properly through a GPIO pin. The temperature can be determined by gating a simple counter on for a
specific time interval to count the total number of output pulses. After power is first applied the device will remain
in a low output state while the LMT01-SP determines the temperature. Once the conversion cycle completes, the
pulse train begins with a pulse frequency of approximately 88 kHz. The LMT01-SP will continuously convert and
transmit data when the power is applied approximately every 104 ms.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Output Interface
The LMT01-SP provides a digital output in the form of a pulse count that is transmitted by a train of current
pulses. After the LMT01-SP is powered up, it transmits a very low current of 34 µA for less than 54 ms while the
part executes a temperature to digital conversion, as shown in Figure 19. When the temperature-to-digital
conversion is complete, the LMT01-SP starts to transmit a pulse train that toggles from the low current of 34 µA
to a high current level of 125 µA. The pulse train total time interval is at maximum 50 ms. The LMT01-SP
transmits a series of pulses equivalent to the pulse count at a given temperature as described in Electrical
Characteristics - Pulse Count to Temperature LUT. After the pulse count has been transmitted the LMT01-SP
current level will remain low for the remainder of the 50 ms. The total time for the temperature to digital
conversion and the pulse train time interval is 104 ms (maximum). If power is continuously applied, the pulse
train output will repeat start every 104 ms (maximum). The LMT01-SP can be powered down at any time to
conserve system power. To avoid invalid data it is recommended that a minimum power-down wait time of 50 ms
is used before the device is turned on again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com