Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMT01HTA/EM Datasheet(PDF) 8 Page - Texas Instruments

Part # PLMT01HTA/EM
Description  radiation hardened 2-pin precision digital output temperature sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMT01HTA/EM Datasheet(HTML) 8 Page - Texas Instruments

Back Button PLMT01HTA/EM Datasheet HTML 4Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 5Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 6Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 7Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 8Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 9Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 10Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 11Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Accuracy (
ƒC)
C022
-1
+1
0
0.5625°C
Max Limit
-0.5625°C
Min Limit
Accuracy (
ƒC)
C021
-1
+1
0
0.5625°C
Max Limit
-0.5625°C
Min Limit
Accuracy (
ƒC)
C024
-1
+1
0
0.5°C
Max Limit
-0.5°C
Min Limit
Accuracy (
ƒC)
C023
-1
+1
0
0.5°C
Max Limit
-0.5°C
Min Limit
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
±50
±25
0
25
50
75
100
125
150
LMT01 Junction Temperature (
ƒC)
C011
Max Limit
Min Limit
Accuracy (
ƒC)
C025
-1
+1
0
0.625°C
Max Limit
-0.625°C
Min Limit
8
LMT01-SP
SNIS205 – JANUARY 2019
www.ti.com
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics (continued)
Using Electrical Characteristics - Pulse Count to Temperature LUT
VP – VN = 5.5 V
Figure 8. Accuracy vs LMT01-SP Junction Temperature
Using Electrical Characteristics - Pulse Count to Temperature LUT
VP – VN = 2.15 V to 5.5 V
Figure 9. Accuracy Histogram at 150°C
Using Electrical Characteristics - Pulse Count to Temperature LUT
VP – VN = 2.15 V to 5.5 V
Figure 10. Accuracy Histogram at 30°C
Using Electrical Characteristics - Pulse Count to Temperature LUT
VP – VN = 2.15 V to 5.5 V
Figure 11. Accuracy Histogram at –20°C
Using LUT Electrical Characteristics - Pulse Count to Temperature
LUT
VP – VN = 2.15 V to 5.5 V
Figure 12. Accuracy Histogram at –30°C
Using Electrical Characteristics - Pulse Count to Temperature LUT
VP – VN = 2.15 V to 5.5 V
Figure 13. Accuracy Histogram at –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com