Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMT01HTA/EM Datasheet(PDF) 7 Page - Texas Instruments

Part # PLMT01HTA/EM
Description  radiation hardened 2-pin precision digital output temperature sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMT01HTA/EM Datasheet(HTML) 7 Page - Texas Instruments

Back Button PLMT01HTA/EM Datasheet HTML 3Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 4Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 5Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 6Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 7Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 8Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 9Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 10Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
±50
±25
0
25
50
75
100
125
150
LMT01 Junction Temperaure (
ƒC)
C013
Max Limit
Min Limit
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
±50
±25
0
25
50
75
100
125
150
LMT01 Junction Temperaure (
ƒC)
C012
Max Limit
Min Limit
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
±50
±25
0
25
50
75
100
125
150
LMT01 Junction Temperaure (
ƒC)
C015
Max Limit
Min Limit
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
±50
±25
0
25
50
75
100
125
150
LMT01 Junction Temperaure (
ƒC)
C014
Max Limit
Min Limit
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
±50
±25
0
25
50
75
100
125
150
LMT01 Junction Temperaure (
ƒC)
C017
Max Limit
Min Limit
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
±50
±25
0
25
50
75
100
125
150
LMT01 Junction Temperaure (
ƒC)
C016
Max Limit
Min Limit
7
LMT01-SP
www.ti.com
SNIS205 – JANUARY 2019
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.8 Typical Characteristics
Using Electrical Characteristics - Pulse Count to Temperature LUT
VP – VN = 2.15 V
Figure 2. Accuracy vs LMT01-SP Junction Temperature
Using Electrical Characteristics - Pulse Count to Temperature LUT
VP – VN = 2.4 V
Figure 3. Accuracy vs LMT01-SP Junction Temperature
Using Electrical Characteristics - Pulse Count to Temperature LUT
VP – VN = 2.7 V
Figure 4. Accuracy vs LMT01-SP Junction Temperature
Using Electrical Characteristics - Pulse Count to Temperature LUT
VP – VN = 3 V
Figure 5. Accuracy vs LMT01-SP Junction Temperature
Using Electrical Characteristics - Pulse Count to Temperature LUT
VP – VN = 4 V
Figure 6. Accuracy vs LMT01-SP Junction Temperature
Using Electrical Characteristics - Pulse Count to Temperature LUT
VP – VN = 5 V
Figure 7. Accuracy vs LMT01-SP Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com