Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMT01HTA/EM Datasheet(PDF) 6 Page - Texas Instruments

Part # PLMT01HTA/EM
Description  radiation hardened 2-pin precision digital output temperature sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMT01HTA/EM Datasheet(HTML) 6 Page - Texas Instruments

Back Button PLMT01HTA/EM Datasheet HTML 2Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 3Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 4Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 5Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 6Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 7Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 8Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 9Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Power
Output
Current
Power Off
34µA
125µA
tCONV
tDATA
tR
tF
1/fP
6
LMT01-SP
SNIS205 – JANUARY 2019
www.ti.com
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.6 Electrical Characteristics - Pulse Count to Temperature LUT
Over operating free-air temperature range and 2.15 V
≤ VP – VN ≤ 5 V power supply operating range (unless otherwise
noted). LUT is short for Look-up Table.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital output code
–50°C
15
26
37
pulses
–40°C
172
181
190
–30°C
329
338
347
–20°C
486
494
502
–10°C
643
651
659
0°C
800
808
816
10°C
958
966
974
20°C
1117
1125
1133
30°C
1276
1284
1292
40°C
1435
1443
1451
50°C
1594
1602
1610
60°C
1754
1762
1770
70°C
1915
1923
1931
80°C
2076
2084
2092
90°C
2237
2245
2253
100°C
2398
2407
2416
110°C
2560
2569
2578
120°C
2721
2731
2741
130°C
2883
2893
2903
140°C
3047
3057
3067
150°C
3208
3218
3228
(1)
Conversion time includes power up time or device turn on time that is typically 3 ms after POR threshold of 1.2 V is exceeded.
6.7 Switching Characteristics
Over operating free-air temperature range and operating VP – VN range (unless otherwise noted).
PARAMETER
SUBGROUPS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tR, tF
Output current rise and fall time
CL = 10 pF, RL = 8 k
1.45
µs
fP
Output current pulse frequency
8, 9, 10
82
88
94
kHz
Output current duty cycle
40%
50%
60%
tCONV
Temperature conversion time(1)
8, 9, 10
2.15 V to 5.5 V
46
50
54
ms
tDATA
Data transmission time
8, 9, 10
44
47
50
ms
Minimum time required between
power cycles
50
ms
Figure 1. Timing Specification Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com