Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMT01HTA/EM Datasheet(PDF) 1 Page - Texas Instruments

Part # PLMT01HTA/EM
Description  radiation hardened 2-pin precision digital output temperature sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMT01HTA/EM Datasheet(HTML) 1 Page - Texas Instruments

  PLMT01HTA/EM Datasheet HTML 1Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 2Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 3Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 4Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 5Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 6Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 7Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 8Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MCU/
FPGA/
ASIC
VDD: 3.0V to 5.5V
GPIO
GPIO/
COMP
LMT01-SP
VP
VN
Up to 2m
Min 2.0V
LMT01 Pulse Count Interface
Power Off
Conversion Time
ADC Conversion Result
Power On
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
±50
±25
0
25
50
75
100
125
150
LMT01 Junction Temperaure (
ƒC)
C014
Max Limit
Min Limit
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
LMT01-SP
SNIS205 – JANUARY 2019
LMT01-SP radiation hardened 2-pin precision digital output temperature sensor
1
1 Features
1
•
5962R18211301VXC
–
Radiation Hardness Assured (RHA) to 100-
krad(Si) Total Ionizing Dose (TID)
–
Single Event Latchup (SEL) immune to LET =
93 MeV-cm2/mg
–
2-lead HTA ceramic package
•
1.5°C accuracy over –50°C to 150°C wide
temperature range and radiation
•
Pulse count current loop easily read by processor
–
Number of output pulses is proportional to
temperature with 0.0625°C resolution
•
Communication frequency: 88 kHz
•
Conversion current: 34 µA
•
Continuous conversion plus data-transmission
period: 100 ms
•
Floating 2-V to 5.5-V (VP – VN) supply operation
with integrated EMI immunity
2 Applications
•
Thermistor signal chain upgrade
•
Space analog temp sensor upgrade
•
Space satellite telemetry
•
High-speed signal chain monitoring
•
Power supply monitoring
•
Digital output wired probes
3 Description
The LMT01-SP device is a radiation hardened, high-
accuracy, 2-pin temperature sensor with an easy-to-
use pulse count current loop interface. The pulsed
output is designed to easily interface directly with a
comparator or GPIO input, thereby simplifying the
hardware implementation. For space applications
looking to minimize board area, the LMT01-SP is an
ideal replacement for traditional thermistor signal
chains and is inherently robust against single event
effects. Integrated EMI suppression and a simple 2-
pin architecture makes the device suitable for sensing
in a noisy environment. The LMT01-SP can be
mounted directly to a board or converted into a two-
wire temperature probe with a wire length up to two
meters. It can also be used to replace thermistors or
analog temperature sensors in space applications
with the added benefit of connecting directly to an
MCU or FPGA without the need for amplifiers or
ADCs for signal conditioning, reducing board space
and power consumption.
Device Information(1)
PART NUMBER
GRADE
PACKAGE
5962R18211301VXC
RHA - 100 krad(Si)
HTA (2)
5.57 mm × 3.00 mm
LMT01SPHTA/EM
Engineering
Evaluation(2)
PLMT01SPHTA/EM
Prototype
Engineering
Evaluation(2)
LMT01CVAL-EVM
Evaluation
Module(2)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) These units are intended for engineering evaluation only.
They are processed to a noncompliant flow. These units are
not suitable for qualification, production, radiation testing or
flight use. Parts are not warranted for performance over the
full MIL specified temperature range of –55°C to 125°C or
operating life.
LMT01-SP Accuracy
Typical units plotted in center of curve.
2-Pin IC Temperature Sensor


Similar Part No. - PLMT01HTA/EM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLMT01HTA/EM TI1-PLMT01HTA/EM Datasheet
755Kb / 23P
radiation hardened 2-pin precision digital output temperature sensor
More results

Similar Description - PLMT01HTA/EM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6095 ONSEMI-CAT6095 Datasheet
268Kb / 18P
Digital Output Temperature Sensor
Doc. No. MD-1124 Rev. D
CAT34TS02 ONSEMI-CAT34TS02_14 Datasheet
138Kb / 21P
Digital Output Temperature Sensor
June, 2014 ??Rev. 12
logo
Texas Instruments
LMT01-Q1 TI1-LMT01-Q1 Datasheet
1,017Kb / 28P
Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
logo
Intersil Corporation
ISL71590SEH INTERSIL-ISL71590SEH Datasheet
541Kb / 16P
Radiation Hardened, 2-Terminal Temperature Transducer.
June 3, 2016
logo
Texas Instruments
LMT01-Q1 TI1-LMT01-Q1_17 Datasheet
1Mb / 37P
Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI1-LMT01_17 Datasheet
1Mb / 39P
Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
Radiation Hardened Remote and Local Digital Temperature Sensor
LMT01-SP TI1-LMT01-SP Datasheet
755Kb / 23P
radiation hardened 2-pin precision digital output temperature sensor
logo
Renesas Technology Corp
ISL71590SEH RENESAS-ISL71590SEH Datasheet
608Kb / 17P
Radiation Hardened, 2-Terminal Temperature Transducer
Sep 14, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com