Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMT01HTA/EM Datasheet(PDF) 4 Page - Texas Instruments

Part # PLMT01HTA/EM
Description  radiation hardened 2-pin precision digital output temperature sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMT01HTA/EM Datasheet(HTML) 4 Page - Texas Instruments

  PLMT01HTA/EM Datasheet HTML 1Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 2Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 3Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 4Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 5Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 6Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 7Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 8Page - Texas Instruments PLMT01HTA/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
LMT01-SP
SNIS205 – JANUARY 2019
www.ti.com
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)
(1).
MIN
MAX
UNIT
Voltage drop (VP – VN)
−0.3
6
V
Storage temperature, Tstg
−65
175
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
(1)
During transmission of pulses at a high level.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
Free-air temperature
−55
125
°C
Voltage drop (VP – VN)
2(1)
5.5
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LMT01-SP
UNIT
HTA (CTO-92)
2 PINS
RθJA
Junction-to-ambient thermal resistance
124.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
51.8
°C/W
RθJB
Junction-to-board thermal resistance
64.8
°C/W
ψJT
Junction-to-top characterization parameter
3.8
°C/W
ψJB
Junction-to-board characterization parameter
63.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com