Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9717DETA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9717DETA
Description  Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9717DETA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9717DETA Datasheet HTML 1Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 2Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 3Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 4Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 5Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 6Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 7Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 8Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Low-Cost, Mono, 1.4W BTL Audio Power
Amplifiers
_______________________________________________________________________________________
5
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
10
100
0.001
10
100k
VCC = 5V
RL = 8
Ω
AV = 6dB
OUTPUT POWER = 800mW
OUTPUT POWER = 30mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
10
100
0.001
10
100k
VCC = 5V
RL = 8
Ω
AV = 12dB
OUTPUT POWER = 800mW
OUTPUT POWER = 200mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
10
100
0.001
10
100k
VCC = 3V
RL = 8
Ω
AV = 6dB
OUTPUT POWER = 250mW
OUTPUT POWER = 30mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
10
100
0.001
10
100k
VCC = 3V
RL = 8
Ω
AV = 12dB
OUTPUT POWER = 200mW
OUTPUT POWER = 50mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
10
100
0.001
10
100k
VCC = 5V
RL = 4
Ω
AV = 6dB
OUTPUT POWER = 1W
OUTPUT POWER = 200mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
10
100
0.001
10
100k
VCC = 5V
RL = 4
Ω
AV = 12dB
OUTPUT POWER = 250mW
OUTPUT POWER = 1W
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
10
100
0.001
10
100k
VCC = 3V
RL = 4
Ω
AV = 6dB
OUTPUT POWER = 50mW
OUTPUT POWER = 350mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
10
100
0.001
10
100k
VCC = 3V
RL = 4
Ω
AV = 12dB
OUTPUT POWER = 50mW
OUTPUT POWER = 350mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (SINGLE-ENDED)
FREQUENCY (Hz)
10k
1k
100
0.001
0.01
0.1
1
10
100
0.0001
10
100k
VCC = 5V
RL = 16
Ω
AV = 12dB
OUTPUT POWER = 125mW
OUTPUT POWER = 25mW
Typical Operating Characteristics
(VCC = 5V, THD+N measurement bandwidth = 22Hz to 22kHz, BTL mode, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com