Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9717DETA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9717DETA
Description  Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9717DETA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9717DETA Datasheet HTML 3Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 4Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 5Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 6Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 7Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 8Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 9Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 10Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Low-Cost, Mono, 1.4W BTL Audio Power
Amplifiers
_______________________________________________________________________________________
7
OUTPUT POWER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
0.3
0.6
0.9
1.2
1.5
1.8
0
2.5
5.5
RL = 8
Ω
f = 1kHz
AV = 6dB
THD+N = 10%
THD+N = 1%
1.5
2.0
2.5
3.0
0
OUTPUT POWER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
5.5
THD+N = 10%
THD+N = 1%
RL = 4
Ω
f = 1kHz
AV = 6dB
1.0
0.5
OUTPUT POWER
vs. LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
10
0.5
1.0
1.5
2.0
2.5
0
1
100
THD+N = 1%
THD+N = 10%
VCC = 5V
f = 1kHz
AV = 6dB
100
200
300
400
500
600
700
0
OUTPUT POWER
vs. LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
10
1
100
VCC = 3V
f = 1kHz
AV = 6dB
THD+N = 1%
THD+N = 10%
POWER DISSIPATION
vs. OUTPUT POWER
OUTPUT POWER (W)
1.2
0.9
0.6
0.3
0.2
0.4
0.6
0.8
1.0
0
01.5
VCC = 5V
RL = 8
Ω
f = 1kHz
AV = 6dB
50
100
150
200
250
300
0
POWER DISSIPATION
vs. OUTPUT POWER
OUTPUT POWER (mW)
400
300
200
100
0
500
VCC = 3V
RL = 8
Ω
f = 1kHz
AV = 6dB
POWER DISSIPATION
vs. OUTPUT POWER
OUTPUT POWER (W)
1.6
1.2
0.8
0.4
0.4
0.8
1.2
1.6
2.0
0
02.0
VCC = 5V
RL = 4
Ω
f = 1kHz
AV = 6dB
600
500
400
300
200
100
100
200
300
400
500
600
700
0
0700
POWER DISSIPATION
vs. OUTPUT POWER
OUTPUT POWER (mW)
VCC = 3V
RL = 4
Ω
f = 1kHz
AV = 6dB
OUTPUT-NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
200
300
400
500
600
0
100
100k
AV = 6dB
Typical Operating Characteristics (continued)
(VCC = 5V, THD+N measurement bandwidth = 22Hz to 22kHz, BTL mode, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com