Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9717DETA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9717DETA
Description  Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9717DETA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9717DETA Datasheet HTML 6Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 7Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 8Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 9Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 10Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 11Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 12Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 13Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Applications Information
BTL Amplifier
The MAX9716/MAX9717 are designed to drive a load
differentially, a configuration referred to as bridge-tied
load or BTL. The BTL configuration (Figure 1) offers
advantages over the single-ended configuration, where
one side of the load is connected to ground. Driving the
load differentially doubles the output voltage compared
to a single-ended amplifier under similar conditions.
Thus, the differential gain of the device is twice the
closed-loop gain of the input amplifier. The effective
gain is given by:
Substituting 2 x VOUT(P-P) for VOUT(P-P) into the following
equations yields four times the output power due to
doubling of the output voltage:
There is no net DC voltage across the load because the
differential outputs are each biased at midsupply. This
eliminates the need for DC-blocking capacitors
required for single-ended amplifiers. These capacitors
can be large and expensive, consume board space,
and degrade low-frequency performance.
Power Dissipation and Heat Sinking
Under normal operating conditions, the MAX9716/
MAX9717 dissipate a significant amount of power. The
maximum power dissipation for each package is given
in the Absolute Maximum Ratings section under
Continuous Power Dissipation or can be calculated by
the following equation:
where TJ(MAX) is +150°C, TA is the ambient temperature,
and
θJA is the reciprocal of the derating factor in °C/W as
specified in the Absolute Maximum Ratings section. For
example,
θJA of the TDFN package is 41°C/W.
The increase in power delivered by the BTL configuration
directly results in an increase in internal power dissipation
over the single-ended configuration. The maximum power
dissipation for a given VCC and load is given by the
following equation:
If the power dissipation for a given application exceeds
the maximum allowed for a given package, reduce
power dissipation by increasing the ground plane heat-
sinking capability and the size of the traces to the device
(see the Layout and Grounding section). Other methods
for reducing power dissipation are to reduce VCC,
increase load impedance, decrease ambient tempera-
ture, reduce gain, or reduce input signal.
Thermal-overload protection limits total power dissipation
in the MAX9716/MAX9717. Thermal protection circuitry
disables the amplifier output stage when the junction
temperature exceeds +160°C. The amplifiers are
enabled once the junction temperature cools by 15°C. A
pulsing output under continuous thermal-overload condi-
tions results as the device heats and cools.
Fixed Gain
The MAX9717B, MAX9717C, and MAX9717D feature
internally fixed gains of 6dB, 9dB, and 12dB, respec-
tively (see the Selector Guide). Fixed gain simplifies
designs, reduces pin count, decreases required foot-
print size, and eliminates external gain-setting resistors.
Resistors RIN and RF shown in the MAX9717B/C/D
Typical Operating Circuit are used to achieve each
fixed gain.
P
V
R
DISS MAX
CC
L
()
=
2
2
2
π
P
TT
DISSPKG MAX
J MAX
A
JA
()
()
=
−
θ
P
V
R
OUT
RMS
L
=
2
V
V
RMS
OUT P P
()
=
−
22
A
R
R
V
F
IN
=×
2
Low-Cost, Mono, 1.4W BTL Audio Power
Amplifiers
10
______________________________________________________________________________________
+1
VOUT(P-P)
2 x VOUT(P-P)
VOUT(P-P)
-1
Figure 1. Bridge-Tied Load Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com