Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9717DETA Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX9717DETA
Description  Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9717DETA Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX9717DETA Datasheet HTML 8Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 9Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 10Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 11Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 12Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 13Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 14Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 15Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
BIAS Capacitor
BIAS is the output of the internally-generated VCC/2 bias
voltage. The BIAS bypass capacitor, CBIAS, improves the
power-supply rejection ratio by reducing power supply
and other noise sources at the common-mode bias node.
CBIAS also generates the clickless/popless startup DC
bias waveform for the speaker amplifiers. Bypass BIAS
with a 1µF capacitor to GND. Larger CBIAS values
improve PSRR but slow down tON time. Do not connect
external loads to BIAS.
Supply Bypassing
Proper power-supply bypassing ensures low-noise,
low-distortion performance. Connect a 1µF ceramic
capacitor from VCC to GND. Add additional bulk
capacitance as required by the application. Connect
the bypass capacitor as close to the device as possible.
Layout and Grounding
Proper PC board layout and grounding is essential for
optimizing performance. Use large traces for the
power-supply inputs and amplifier outputs to minimize
losses due to parasitic trace resistance. Large traces
also aid in moving heat away from the package. Proper
grounding improves audio performance and prevents
digital switching noise from coupling into the audio signal.
The MAX9716/MAX9717 TDFN and µMAX packages
feature exposed thermal pads on their undersides. This
pad lowers the thermal resistance of the package by
providing a direct-heat conduction path from the die to
the printed circuit board. Connect the exposed pad to
the ground plane using multiple vias, if required.
Low-Cost, Mono, 1.4W BTL Audio Power
Amplifiers
12
______________________________________________________________________________________
CLICKLESS/POPLESS
SHUTDOWN
CONTROL
BIAS
IN+
IN-
OUT+
OUT-
SHDN
GND
MAX9716
RF
20k
Ω
RF
20k
Ω
VCC
RIN
20k
Ω
CIN
0.33
µF
AUDIO
INPUT
RIN
20k
Ω
CIN
0.33
µF
AUDIO
INPUT
CBIAS
220pF
220pF
20k
Ω
20k
Ω
VCC
VALUES SHOWN FOR 0dB GAIN.
OFF
ON
Figure 4. MAX9716 Differential Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com