Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9717DETA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9717DETA
Description  Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9717DETA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9717DETA Datasheet HTML 7Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 8Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 9Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 10Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 11Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 12Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 13Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 14Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Adjustable Gain
Gain-Setting Resistors
External feedback resistors set the gain of the
MAX9716 and MAX9717A. Resistors RF and RIN (see
Figure 2) set the gain of the amplifier as follows:
Where AV is the desired voltage gain. Hence, an RIN of
20k
Ω and an RF of 20kΩ yields a gain of 2V/V, or 6dB.
RF can be either fixed or variable, allowing the use of a
digitally controlled potentiometer to alter the gain under
software control.
The gain of the MAX9717 in a single-ended output
configuration is half the gain when configured as BTL
output. Choose RF between 10k
Ω and 50kΩ for the
MAX9716 and MAX9717A. Gains for the MAX9717B/C/D
are set internally.
Input Filter
CIN and RIN form a highpass filter that removes the DC
bias from an incoming signal. The AC-coupling capaci-
tor allows the amplifier to bias the signal to an optimal
DC level. Assuming zero-source impedance, the -3dB
point of the highpass filter is:
Setting f-3dB too high affects the low-frequency
response of the amplifier. Use capacitors with
dielectrics that have low-voltage coefficients, such as
tantalum or aluminum electrolytic. Capacitors with high-
voltage coefficients, such as ceramics, can increase
distortion at low frequencies.
Output-Coupling Capacitor
The MAX9717 require output-coupling capacitors to
operate in single-ended (headphone) mode. The out-
put-coupling capacitor blocks the DC component of the
amplifier output, preventing DC current from flowing to
the load. The output capacitor and the load impedance
form a highpass filter with a -3dB point determined by:
As with the input capacitor, choose COUT such that
f-3dB is well below the lowest frequency of interest.
Setting f-3dB too high affects the amplifier’s low-fre-
quency response. Load impedance is a concern when
choosing COUT. Load impedance can vary, changing
the -3dB point of the output filter. A lower impedance
increases the corner frequency, degrading low-fre-
quency response. Select COUT such that the worst-
case load/COUT combination yields an adequate
response. Select capacitors with low ESR to minimize
resistive losses and optimize power transfer to the load.
Differential Input
The MAX9716 can be configured for a differential input.
The advantage of differential inputs is that any com-
mon-mode noise is attenuated and not passed through
the amplifier. This input improves noise rejection and
provides common-mode rejection (Figure 3). External
components should be closely matched for high
CMRR. Figure 4 shows the MAX9716 configured for a
differential input.
f
RC
dB
L OUT
−
=
3
1
2
π
f
RC
dB
IN IN
−
=
3
1
2
π
A
R
R
V
F
IN
=
⎛
⎝⎜
⎞
⎠⎟
2
Low-Cost, Mono, 1.4W BTL Audio Power
Amplifiers
______________________________________________________________________________________
11
OUT-
OUT+
MAX9716
RF
IN-
IN+
BIAS
RIN
CIN
AUDIO
INPUT
Figure 2. Setting the MAX9716/MAX9717A Gain
FREQUENCY (Hz)
10k
1k
100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
10
100k
VRIPPLE = 200mVP-P
RL = 8
Ω
CBIAS = 1
µF
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
Figure 3. CMRR with Differential Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com