Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9717DETA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9717DETA
Description  Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9717DETA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9717DETA Datasheet HTML 1Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 2Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 3Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 4Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 5Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 6Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 7Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 8Page - Maxim Integrated Products MAX9717DETA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Low-Cost, Mono, 1.4W BTL Audio Power
Amplifiers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—3V Supply (continued)
(VCC = 3V, GND = 0, SHDN = VCC, TA = +25°C. CBIAS = 1µF, RIN = RF = 20k
Ω (MAX9716/MAX9717A), IN+ = BIAS (MAX9716),
BTL/SE = GND (MAX9717_), RL =
∞ connected between OUT+ and OUT-. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Short-Circuit Current Limit
ISC
(Note 9)
1.1
A
Thermal Shutdown Threshold
+160
°C
Thermal Shutdown Hysteresis
15
°C
250
Power-Up/Enable from Shutdown
Time (Note 10)
tPU
CBIAS = 0.1µF
25
ms
Shutdown Time
tSHDN
5µs
Input Resistance
RIN
MAX9717B/C/D
12
20
28
k
Note 1: Continuous power dissipation must also be observed.
Note 2: All specifications are tested at TA = +25°C. Specifications over temperature (TA = TMIN to TMAX) are not production tested,
and guaranteed by design.
Note 3: Quiescent power-supply current is specified and tested with no load. Quiescent power-supply current depends on the off-
set voltage when a practical load is connected to the amplifier.
Note 4: Common-mode bias voltage is the voltage on BIAS and is nominally VCC/2.
Note 5: VOS = VOUT+ - VOUT-.
Note 6: The amplifier input IN- is AC-coupled to GND through CIN.
Note 7: Output power is specified by a combination of a functional output current test and characterization analysis.
Note 8: Measurement bandwidth for THD+N is 22Hz to 22kHz.
Note 9: Extended short-circuit conditions result in a pulsed output.
Note 10: Time for VOUT to rise to 50% of final DC value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com