Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6953 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 17Page - Analog Devices LTC6953 Datasheet HTML 18Page - Analog Devices LTC6953 Datasheet HTML 19Page - Analog Devices LTC6953 Datasheet HTML 20Page - Analog Devices LTC6953 Datasheet HTML 21Page - Analog Devices LTC6953 Datasheet HTML 22Page - Analog Devices LTC6953 Datasheet HTML 23Page - Analog Devices LTC6953 Datasheet HTML 24Page - Analog Devices LTC6953 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
LTC6953
21
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
as described below. See the LTC6952 data sheet for more
information on ParallelSync.
The SYNC/SRQ timing for ParallelSync can be simpli-
fied to a single software bit write by using an LTC6953
(or LTC6952 with its PLL disabled) as the reference and
EZS_SRQ distribution block, as shown in Figure 9. In this
application, the EZS_SRQ outputs of the reference distri-
bution part should be set to transition on the falling edge
of its corresponding reference clock output. To achieve
this, first synchronize the reference distribution part using
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
OUTx ±
EZS_SRQ+
REF+
OUT0+
OUT1+
EZS_SRQ+
EZS_SRQ
OUT10+
OUT2+
OUT3+
OUT4+
OUT5+
OUT6+
OUT7+
OUT8+
OUT9+
LTC6952 #1
11 OUTPUTS
IN±
REF IN
LTC6953
REFERENCE
DISTRIBUTION
SYNC OR SYSREF
REQUEST: TOGGLE PIN
OR WRITE SSRQ BIT
OUT0
REF
LTC6952 #2
OUT1
OUTx ±
LTC6952 #3
11 OUTPUTS
LTC6952 #4
OUT2
OUT3
OUTx ±
11 OUTPUTS
OUTx ±
11 OUTPUTS
OUT4
OUT5
OUT6
OUT7
OUTx ±
11 OUTPUTS
LTC6952 #5
OUT10
OUT8
OUT9
EZS_SRQ
1 OUTPUT
EZS-SRQ CONNECTIONS
MUST BE DC-COUPLED
CP
LF(S)
VCO±
VCO
CP
LF(S)
VCO±
VCO
CP
LF(S)
VCO±
VCO
CP
LF(S)
VCO±
VCO
CP
LF(S)
VCO±
VCO
REF+
REF
REF+
REF
REF+
REF
REF+
REF
6953 F09
EZS_SRQ+
EZS_SRQ
EZS_SRQ+
EZS_SRQ
EZS_SRQ+
EZS_SRQ
EZS_SRQ+
EZS_SRQ
Figure 9. ParallelSync Multichip Synchronization with
LTC6953 or LTC6952 Reference Distribution
the settings given in Table 9, where DDELREF can be any
valid DDEL value.
Table 9. Reference Distribution Divider and DDEL Settings
for ParallelSync
REF CLK
DIVIDE
REF CLK DDEL
EZS_SRQ
DIVIDE
EZS_SRQ DDEL
1
DDELREF
2
DDELREF + 1
2
DDELREF
2
DDELREF + 2
3
DDELREF
3
DDELREF + 3
4
DDELREF
4
DDELREF + 4
REF Divide > 4
DDELREF
= REF Divide
DDELREF
Just before sending a SYNC or SYSREF request to the par-
allel parts, set the reference distribution part’s SRQMD bit
to “1”. This will automatically retime the passed-through
requests to the reference clocks. After the request is done,
set the SRQMD bit back to “0” to save supply current
from the reference distribution part. See the Applications
Information section for a programming example.
To determine the best configuration for a given applica-
tion, the flowchart in Figure 10 can be used. This flowchart
uses the parameters from Table 8 to guide the user to the
most suitable configuration.
Depending on the user’s system requirements, many sim-
plifications or additions can be made for multiple chip
synchronization. For example, the above applications only
assume a maximum of two stages, even though more
stages can be added to increase the number of outputs.
However, these applications are beyond the scope of this
data sheet. Please contact the factory.
Power Savings in SYSREF Generation Mode
In most applications, SYSREF requests are a rare occur-
rence. The LTC6953 provides modes to shut down as
much circuitry as possible while still maintaining the
correct timing relationship between SYSREF outputs and
clock outputs. Individual outputs may be put into a low
power mode while leaving the internal dividers running
by writing a “2” to the PDx bits, where x is the output of
interest. Additionally, putting the LTC6953 into SYSREF
generation mode (SRQMD = 1) causes the part to draw a
significantly higher current than SRQMD = 0. Therefore,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com