Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6953 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 7Page - Analog Devices LTC6953 Datasheet HTML 8Page - Analog Devices LTC6953 Datasheet HTML 9Page - Analog Devices LTC6953 Datasheet HTML 10Page - Analog Devices LTC6953 Datasheet HTML 11Page - Analog Devices LTC6953 Datasheet HTML 12Page - Analog Devices LTC6953 Datasheet HTML 13Page - Analog Devices LTC6953 Datasheet HTML 14Page - Analog Devices LTC6953 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
LTC6953
11
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
PIN FUNCTIONS
CS (Pin 1): Serial Port Chip Select. This CMOS input initi-
ates a serial port communication burst when driven low,
ending the burst when driven back high. See the Operation
section for more details.
VD+ (Pin 2): 3.15V to 3.45V Positive Supply Pins for
Synchronization/SYSREF Request Functions and Serial
Port. This pin should be bypassed directly to the ground
plane using a 0.01µF ceramic capacitor as close to the
pin as possible.
OUT0+, OUT0(Pins 34, 33): Output Signals. The output
divider is buffered and presented differentially on these
pins. The outputs have 50Ω (typical) output resistance
per side (100Ω differential). The far end of the trans-
mission line is typically terminated with 100Ω connected
across the outputs. See the Operation and Applications
Information section for more details.
OUT1+, OUT1(Pins 31, 30): Same as OUT0.
OUT2+, OUT2(Pins 28, 27): Same as OUT0.
OUT3+, OUT3(Pins 25, 24): Same as OUT0.
OUT4+, OUT4(Pins 22, 21): Same as OUT0.
OUT5+, OUT5(Pins 19, 18): Same as OUT0.
OUT6+, OUT6(Pins 16, 15): Same as OUT0.
OUT7+, OUT7(Pins 13, 12): Same as OUT0.
OUT8+, OUT8(Pins 10, 9): Same as OUT0.
OUT9+, OUT9(Pins 7, 6): Same as OUT0.
OUT10+, OUT10(Pins 4, 3): Same as OUT0.
VOUT+ (Pins 5, 8, 11, 14, 17, 20, 23, 26, 29, 32, 35):
3.15V to 3.45V Positive Supply Pins for Output Dividers.
Each pin should be separately bypassed directly to the
ground plane using a 0.01µF ceramic capacitor as close
to the pin as possible.
NC (Pins 36, 42, 43, 45, 46): Not Connected Internally.
It is recommended that these pins be connected to the
ground pad (pin 53).
IN+, IN(Pins 37, 38): Input Signals. The differential
signal placed on these pins is buffered with a low noise
amplifier and fed to the internal distribution path. These
self-biased inputs present a differential 250Ω (typical)
resistance to aid impedance matching. They may also be
driven single-ended by using the matching circuit in the
Operation section.
VIN+ (Pins 39): 3.15V to 3.45V Positive Supply Pin for
Input Circuitry. This pin should be bypassed directly to the
ground plane using a 0.01µF ceramic capacitor as close
to the pin as possible.
SD (Pin 40): Chip Shutdown Pin. When tied to GND, this
CMOS input disables all blocks in the chip. This is the
same function as PDALL in the serial interface.
GND (Pin 41): Negative Power Supply (Ground). This pin
should be tied directly to the ground pad (Pin 53).
VREF+ (Pin 44): 3.15V to 3.45V Positive Supply Pin for
EZS_SRQ circuitry. This pin should be bypassed directly
to the ground plane using a 0.1µF ceramic capacitor as
close to the pin as possible.
EZS_SRQ+, EZS_SRQ(Pins 47, 48): Synchronization
or SYSREF Request Input. Bit SRQMD defines this dif-
ferential or single-ended input as an EZSync request or
SYSREF request. It can operate as a differential input,
or EZS_SRQcan be tied to GND and EZS_SRQ+ driven
with a single-ended CMOS signal. See the Operation and
Applications Information sections for more details.
STAT (Pin 49): Status Output. This signal is a configurable
logical OR combination of the VCOOK and VCOOK status
bits, programmable via the STATUS register. It can also
be configured to present a diode voltage for temperature
measurement. See the Operation section for more details.
SCLK (Pin 50): Serial Port Clock. This CMOS input clocks
serial port input data on its rising edge. See the Operation
section for more details.
SDO (Pin 51): Serial Port Data Output. This CMOS three-
state output presents data from the serial port during a
read communication burst. Optionally attach a resistor
of > 200kΩ to GND to prevent a floating output. See the
Operation section for more details.
SDI (Pin 52): Serial Port Data Input. The serial port uses
this CMOS input for data. See the Operation section for
more details.
GND (Exposed Pad Pin 53): Negative Power Supply
(Ground). The package exposed pad must be soldered
directly to the PCB land. The PCB land pattern should
have multiple thermal vias to the ground plane for both
low ground inductance and also low thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com