Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6953 Datasheet(PDF) 56 Page - Analog Devices

Part # LTC6953
Description  Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6953 Datasheet(HTML) 56 Page - Analog Devices

Back Button LTC6953 Datasheet HTML 48Page - Analog Devices LTC6953 Datasheet HTML 49Page - Analog Devices LTC6953 Datasheet HTML 50Page - Analog Devices LTC6953 Datasheet HTML 51Page - Analog Devices LTC6953 Datasheet HTML 52Page - Analog Devices LTC6953 Datasheet HTML 53Page - Analog Devices LTC6953 Datasheet HTML 54Page - Analog Devices LTC6953 Datasheet HTML 55Page - Analog Devices LTC6953 Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 56 page
background image
LTC6953
56
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
D16969-0-5/18(PrA)
www.analog.com
© ANALOG DEVICES, INC. 2018
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC6952
Ultralow Jitter, 4.5GHz PLL with 11 Outputs and
JESD204B Support
Eleven Independent CML Outputs with Dividers and Delays, 65fs
Additive ADC SNR Jitter
LTC6955/LTC6955-1
Ultralow Jitter, 7.5GHz, 11-Output Fanout Buffer Family
Eleven CML Outputs, 45fs Additive ADC SNR Jitter
LTC6945/LTC6946
Ultralow Noise and Spurious Integer-N Synthesizers
370MHz to 6.39GHz, –226dBc/Hz Normalized In-Band Phase Noise
Floor, –157dBc/Hz Wideband Output Phase Noise Floor
LTC6947/LTC6948
Ultralow Noise and Spurious Frac-N Synthesizers
350MHz to 6.39GHz, –226dBc/Hz Normalized In-Band Phase Noise
Floor, –157dBc/Hz Wideband Output Phase Noise Floor
LTC6950
1.4GHz Low Phase Noise, Low Jitter PLL with
Clock Distribution
Four Independent LVPECL Outputs with 18fsRMS Additive Jitter
(12kHz to 20MHz)
LTC6951
Ultralow Jitter Multioutput Clock Synthesizer with
Integrated VCO
Four Independent CML Outputs and One LVDS Output, Integrated
VCO, 110fs ADC SNR Jitter
LTC6954
Low Phase Noise, Triple Output Clock Distribution
Divider/Driver
LVPECL, LVDS and CMOS Outputs with < 20fsRMS Additive Jitter
(12kHz to 20MHz)
EZSync Multichip Synchronization with Request Pass-Through
160Ω
100Ω
49.9Ω
1µF
1µF
100Ω
1µF
33nF
22nF
48.7Ω
1.2µF
48.7Ω
0.1µF
75Ω
30Ω
0.1µF
0.47µF
OUT0+
OUT0
OUT1+
OUT1
OUT2+
OUT2
OUT10+
OUT10
OUT3+
OUT3
OUT4+
OUT4
OUT5+
OUT5
OUT6+
OUT6
OUT7+
OUT7
OUT8+
OUT8
OUT9+
OUT9
LTC6952
REF+
REF
EZS_SRQ+
EZS_SRQ
TO DAUGHTER
CARD #2
STAGE 1
STAGE 2
OUT0+
OUT0
OUT1+
OUT1
OUT2+
OUT2
OUT10+
OUT10
OUT3+
OUT3
OUT4+
OUT4
OUT5+
OUT5
OUT6+
OUT6
OUT7+
OUT7
OUT8+
OUT8
OUT9+
OUT9
LTC6953
12.5MHz SYSREF
12.5MHz SYSREF
12.5MHz SYSREF
12.5MHz SYSREF
12.5MHz SYSREF
500MHz CLOCK
500MHz CLOCK
4GHz CLOCK
4GHz CLOCK
125MHz CLOCK
100MHz CLOCK
DAUGHTER CARD #1
DAUGHTER CARD #2
DAUGHTER CARD #3
DAUGHTER CARD #4
DAUGHTER CARD #5
4GHz CLK
SSRQ PASS-THRU
TO DAUGHTER
CARD #3
TO DAUGHTER
CARD #4
TO DAUGHTER
CARD #5
IN+
IN
EZS_SRQ+
EZS_SRQ
6953 TAO2a
CRYSTEK
CCHD-575-25-100
100MHZ REF OSC
CP
CRYSTEK
CVCO55CC-
4000-4000
VCO+
VCO
VTUNE
LTC6952 and LTC6953 EZSync
Cascaded Phase Noise
RMS JITTER = 100fs
EQUIVALENT ADC SNR METHOD
4GHz
500MHz
OFFSET FREQUENCY (Hz)
1k
10k
100k
1M
10M 40M
–170
–160
–150
–140
–130
–120
–110
–100
6953 TA02b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com