Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8240ABC-I6T1U Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-8240ABC-I6T1U
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8240ABC-I6T1U Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-8240ABC-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 13Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 14Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 15Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 16Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.1_01
S-8240A Series
13
Test Circuits
Caution Unless otherwise specified, the output voltage levels "H" and "L" at CO pin (VCO) and DO pin (VDO) are
judged by the threshold voltage (1.0 V) of the N-channel FET. Judge the CO pin level with respect to
VVM and the DO pin level with respect to VSS.
1. Overcharge detection voltage, overcharge release voltage
(Test circuit 1)
Overcharge detection voltage (VCU) is defined as the voltage V1 at which VCO goes from "H" to "L" when the voltage
V1 is gradually increased from the starting condition of V1 = 3.4 V. Overcharge release voltage (VCL) is defined as
the voltage V1 at which VCO goes from "L" to "H" when the voltage V1 is then gradually decreased. Overcharge
hysteresis voltage (VHC) is defined as the difference between VCU and VCL.
2. Overdischarge detection voltage, overdischarge release voltage
(Test circuit 2)
Overdischarge detection voltage (VDL) is defined as the voltage V1 at which VDO goes from "H" to "L" when the
voltage V1 is gradually decreased from the starting conditions of V1 = 3.4 V, V2 = 0 V. Overdischarge release
voltage (VDU) is defined as the voltage V1 at which VDO goes from "L" to "H" when setting V2 = 0.01 V and when the
voltage V1 is then gradually increased. Overdischarge hysteresis voltage (VHD) is defined as the difference between
VDU and VDL.
3. Discharge overcurrent detection voltage, discharge overcurrent release voltage
(Test circuit 2)
3. 1 Release voltage of discharge overcurrent status "VDIOV"
Discharge overcurrent detection voltage (VDIOV) is defined as the voltage V2 whose delay time for changing VDO
from "H" to "L" is discharge overcurrent detection delay time (tDIOV) when the voltage V2 is increased from the
starting conditions of V1 = 3.4 V, V2 = 0 V. VDO goes from "L" to "H" when setting V2 = 3.4 V and when the
voltage V2 is then gradually decreased to VDIOV typ. or lower.
3. 2 Release voltage of discharge overcurrent status "VRIOV"
VDIOV is defined as the voltage V2 whose delay time for changing VDO from "H" to "L" is tDIOV when the voltage
V2 is increased from the starting conditions of V1 = 3.4 V, V2 = 0 V. Discharge overcurrent release voltage
(VRIOV) is defined as the voltage V2 at which VDO goes from "L" to "H" when setting V2 = 3.4 V and when the
voltage V2 is then gradually decreased.
4. Load short-circuiting detection voltage
(Test circuit 2)
Load short-circuiting detection voltage (VSHORT) is defined as the voltage V2 whose delay time for changing VDO from
"H" to "L" is load short-circuiting detection delay time (tSHORT) when the voltage V2 is increased from the starting
conditions of V1 = 3.4 V, V2 = 0 V.
5. Charge overcurrent detection voltage
(Test circuit 2)
Charge overcurrent detection voltage (VCIOV) is defined as the voltage V2 whose delay time for changing VCO from
"H" to "L" is charge overcurrent detection delay time (tCIOV) when the voltage V2 is decreased from the starting
conditions of V1 = 3.4 V, V2 = 0 V.
6. Current consumption during operation
(Test circuit 3)
The current consumption during operation (IOPE) is the current that flows through the VDD pin (IDD) under the set
conditions of V1 = 3.4 V and V2 = 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com