Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8240ABC-I6T1U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8240ABC-I6T1U
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8240ABC-I6T1U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8240ABC-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.1_01
S-8240A Series
9
Pin Configurations
1. SOT-23-6
Table 7
13
2
54
6
Top view
Figure 2
Pin No.
Symbol
Description
1
DO
Connection pin of discharge control FET gate
(CMOS output)
2
VM
Voltage detection pin between VM pin and VSS pin
(Overcurrent / charger detection pin)
3
CO
Connection pin of charge control FET gate
(CMOS output)
4
NC
*1
No connection
5
VDD
Input pin for positive power supply
6
VSS
Input pin for negative power supply
*1. The NC pin is electrically open.
The NC pin can be connected to VDD pin or VSS pin.
2. SNT-6A
Table 8
5
4
6
2
3
1
Top view
Figure 3
Pin No.
Symbol
Description
1
NC
*1
No connection
2
CO
Connection pin of charge control FET gate
(CMOS output)
3
DO
Connection pin of discharge control FET gate
(CMOS output)
4
VSS
Input pin for negative power supply
5
VDD
Input pin for positive power supply
6
VM
Voltage detection pin between VM pin and VSS pin
(Overcurrent / charger detection pin)
*1. The NC pin is electrically open.
The NC pin can be connected to VDD pin or VSS pin.
3. HSNT-6 (1212)
Table 9
Top view
1
3
2
6
4
5
6
4
5
1
3
2
Bottom view
*1
Figure 4
Pin No.
Symbol
Description
1
NC
*2
No connection
2
CO
Connection pin of charge control FET gate
(CMOS output)
3
DO
Connection pin of discharge control FET gate
(CMOS output)
4
VSS
Input pin for negative power supply
5
VDD
Input pin for positive power supply
6
VM
Voltage detection pin between VM pin and VSS pin
(Overcurrent / charger detection pin)
*1. Connect the heat sink of backside at shadowed area to the board, and set electric potential open or VDD.
However, do not use it as the function of electrode.
*2. The NC pin is electrically open.
The NC pin can be connected to VDD pin or VSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com