Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8240ABC-I6T1U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-8240ABC-I6T1U
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8240ABC-I6T1U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-8240ABC-I6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.1_01
S-8240A Series
3
Product Name Structure
1. Product name
S-8240A xx - xxxx U
Package abbreviation and IC packing specifications
*1
M6T1: SOT-23-6, Tape
I6T1: SNT-6A, Tape
A6T2: HSNT-6 (1212), Tape
Serial code
*2
Sequentially set from AA to ZZ
Environmental code
U:
Lead-free (Sn 100%), halogen-free
*1. Refer to the tape drawing.
*2. Refer to "3. Product name list".
2. Packages
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SOT-23-6
MP006-A-P-SD
MP006-A-C-SD
MP006-A-R-SD
−
SNT-6A
PG006-A-P-SD
PG006-A-C-SD
PG006-A-R-SD
PG006-A-L-SD
HSNT-6 (1212)
PM006-A-P-SD
PM006-A-C-SD
PM006-A-R-SD
PM006-A-L-SD
3. Product name list
3. 1 SOT-23-6
Table 2 (1 / 2)
Product Name
Overcharge
Detection
Voltage
[VCU]
Overcharge
Release
Voltage
[VCL]
Overdischarge
Detection
Voltage
[VDL]
Overdischarge
Release
Voltage
[VDU]
Discharge
Overcurrent
Detection Voltage
[VDIOV]
Load Short-
circuiting
Detection
Voltage
[VSHORT]
Charge
Overcurrent
Detection
Voltage
[VCIOV]
S-8240ACS-M6T1U
4.425 V
4.225 V
2.500 V
2.800 V
0.200 V
0.500 V
−0.150 V
S-8240ACT-M6T1U
4.425 V
4.225 V
2.500 V
2.900 V
0.200 V
0.500 V
−0.200 V
Table 2 (2 / 2)
Product Name
Delay Time
Combination
*1
0 V Battery Charge
Function
Power-down Function
Release Condition
of Discharge
Overcurrent Status
Release Voltage of
Discharge Overcurrent
Status
S-8240ACS-M6T1U
(7)
Available
Unavailable
Load disconnection
VDIOV
S-8240ACT-M6T1U
(3)
Available
Unavailable
Load disconnection
VDIOV
*1. Refer to Table 5 about the details of the delay time combinations.
Remark Please contact our sales office for the products with detection voltage value other than those specified above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com