Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8240ABC-I6T1U Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S-8240ABC-I6T1U
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8240ABC-I6T1U Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S-8240ABC-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 13Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 14Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 15Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8240A Series
Rev.2.1_01
12
2. Ta =
−40°C to +85°C
*1
Table 12
(Ta =
−40°C to +85°C
*1 unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection Voltage
Overcharge detection voltage
VCU
−
VCU
− 0.045
VCU
VCU
+ 0.030
V
1
Overcharge release voltage
VCL
VCL
≠ VCU
VCL
− 0.080
VCL
VCL
+ 0.060
V
1
VCL = VCU
VCL
− 0.050
VCL
VCL
+ 0.030
V
1
Overdischarge detection voltage
VDL
−
VDL
− 0.080
VDL
VDL
+ 0.060
V
2
Overdischarge release voltage
VDU
VDL
≠ VDU
VDU
− 0.130
VDU
VDU
+ 0.110
V
2
VDL = VDU
VDU
− 0.080
VDU
VDU
+ 0.060
V
2
Discharge overcurrent detection voltage
VDIOV
−
VDIOV
− 0.005
VDIOV
VDIOV
+ 0.005
V
2
Load short-circuiting detection voltage
VSHORT
−
VSHORT
− 0.040 VSHORT
VSHORT
+ 0.040 V
2
Charge overcurrent detection voltage
VCIOV
−
VCIOV
− 0.005
VCIOV
VCIOV
+ 0.005
V
2
Discharge overcurrent release voltage
VRIOV
−
VDD
− 1.4
VDD
− 0.8
VDD
− 0.3
V
2
0 V Battery Charge Function
0 V battery charge starting charger voltage
V0CHA
0 V battery charge function
"available"
0.0
0.7
1.7
V
2
0 V battery charge inhibition battery voltage
V0INH
0 V battery charge function
"unavailable"
0.7
1.2
1.7
V
2
Internal Resistance
Resistance between VDD pin and VM pin
RVMD
VDD = 1.8 V, VVM = 0 V
500
1500
6000
k
Ω
3
Resistance between VM pin and VSS pin
RVMS
VDD = 3.4 V, VVM = 1.0 V
7.5
20
40
k
Ω
3
Input Voltage
Operation voltage between VDD pin and
VSS pin
VDSOP1
−
1.5
−
6.0
V
−
Operation voltage between VDD pin and
VM pin
VDSOP2
−
1.5
−
28
V
−
Input Current
Current consumption during operation
IOPE
VDD = 3.4 V, VVM = 0 V
−
1.5
4.0
μA
3
Current consumption during power-down
IPDN
VDD = VVM = 1.5 V
−
−
150
nA
3
Current consumption during overdischarge
IOPED
VDD = VVM = 1.5 V
−
−
1.0
μA
3
Output Resistance
CO pin resistance "H"
RCOH
−
2.5
10
30
k
Ω
4
CO pin resistance "L"
RCOL
−
2.5
10
30
k
Ω
4
DO pin resistance "H"
RDOH
−
2.5
10
30
k
Ω
4
DO pin resistance "L"
RDOL
−
2.5
10
30
k
Ω
4
Delay Time
Overcharge detection delay time
tCU
−
tCU
× 0.5
tCU
tCU
× 2.5
−
5
Overdischarge detection delay time
tDL
−
tDL
× 0.5
tDL
tDL
× 2.5
−
5
Discharge overcurrent detection delay time
tDIOV
−
tDIOV
× 0.5
tDIOV
tDIOV
× 2.5
−
5
Load short-circuiting detection delay time
tSHORT
−
tSHORT
× 0.5
tSHORT
tSHORT
× 2.5
−
5
Charge overcurrent detection delay time
tCIOV
−
tCIOV
× 0.5
tCIOV
tCIOV
× 2.5
−
5
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed by
design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com