Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8240ABC-I6T1U Datasheet(PDF) 44 Page - Seiko Instruments Inc

Part # S-8240ABC-I6T1U
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8240ABC-I6T1U Datasheet(HTML) 44 Page - Seiko Instruments Inc

Back Button S-8240ABC-I6T1U Datasheet HTML 37Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 38Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 39Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 40Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 41Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 42Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 43Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 44Page - Seiko Instruments Inc S-8240ABC-I6T1U Datasheet HTML 45Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
SII Semiconductor Corporation
No.
TITLE
UNIT
ANGLE
mm
HSNT-6-B
-Land Recommendation
PM006-A-L-SD-2.0
No. PM006-A-L-SD-2.0
Land Pattern
Metal Mask Pattern
1.04min.
0.40±0.02
0.24min.
(1.22)
0.40±0.02
1.02
Caution It is recommended to solder the heat sink to a board
in order to ensure the heat radiation.
PKG
Aperture ratio
Aperture ratio
100%
40%
t0.10mm ~ 0.12 mm
Caution
Mask aperture ratio of the lead mounting part is 100%.
Mask aperture ratio of the heat sink mounting part is 40%.
Mask thickness: t0.10mm to 0.12 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com