Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204A592DL Datasheet(PDF) 27 Page - Torex Semiconductor

Part # XC6204A592DL
Description  (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204A592DL Datasheet(HTML) 27 Page - Torex Semiconductor

Back Button XC6204A592DL Datasheet HTML 20Page - Torex Semiconductor XC6204A592DL Datasheet HTML 21Page - Torex Semiconductor XC6204A592DL Datasheet HTML 22Page - Torex Semiconductor XC6204A592DL Datasheet HTML 23Page - Torex Semiconductor XC6204A592DL Datasheet HTML 24Page - Torex Semiconductor XC6204A592DL Datasheet HTML 25Page - Torex Semiconductor XC6204A592DL Datasheet HTML 26Page - Torex Semiconductor XC6204A592DL Datasheet HTML 27Page - Torex Semiconductor XC6204A592DL Datasheet HTML 28Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
XC6204
Series
283
3
XC6204x302
Time (20
µsec/div)
VIN=4.0V, IOUT=1mA, tr=5
µsec
VCE=0→4.0V, CL=1.0
µF(ceramic)
4
2
0
-2
-4
-6
5
4
3
2
1
0
CE Input Voltage
Output Voltage
XC6204x302
Time (20
µsec/div)
VIN=4.0V, IOUT=100mA, tr=5
µsec
VCE=0→4.0V, CL=1.0
µF(ceramic)
4
2
0
-2
-4
-6
5
4
3
2
1
0
CE Input Voltage
Output Voltage
XC6204x302
Time (20
µsec/div)
VIN=4.0V, IOUT=30mA, tr=5
µsec
VCE=0→4.0V, CL=1.0
µF(ceramic)
4
2
0
-2
-4
-6
5
4
3
2
1
0
CE Input Voltage
Output Voltage
XC6204x502
Time (20
µsec/div)
VIN=6.0V, IOUT=1mA, tr=5
µsec
VCE=0→6.0V, CL=1.0
µF(ceramic)
7
5
3
1
-1
-3
10
8
6
4
2
0
CE Input Voltage
Output Voltage
XC6204x502
Time (20
µsec/div)
VIN=6.0V, IOUT=30mA, tr=5
µsec
VCE=0→6.0V, CL=1.0
µF(ceramic)
7
5
3
1
-1
-3
10
8
6
4
2
0
CE Input Voltage
Output Voltage
XC6204x502
Time (20
µsec/div)
VIN=6.0V, IOUT=30mA, tr=5
µsec
VCE=0→6.0V, CL=1.0
µF(ceramic)
7
5
3
1
-1
-3
10
8
6
4
2
0
CE Input Voltage
Output Voltage
(11) ENABLE RESPONSE TIME (These characteristics will not be affected by the nature of the CE pin's logic)
03S_04XC6204 02.9.12 2:57 PM ページ 283



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com