Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204A592DL Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XC6204A592DL
Description  (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204A592DL Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC6204A592DL Datasheet HTML 11Page - Torex Semiconductor XC6204A592DL Datasheet HTML 12Page - Torex Semiconductor XC6204A592DL Datasheet HTML 13Page - Torex Semiconductor XC6204A592DL Datasheet HTML 14Page - Torex Semiconductor XC6204A592DL Datasheet HTML 15Page - Torex Semiconductor XC6204A592DL Datasheet HTML 16Page - Torex Semiconductor XC6204A592DL Datasheet HTML 17Page - Torex Semiconductor XC6204A592DL Datasheet HTML 18Page - Torex Semiconductor XC6204A592DL Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
XC6204
Series
271
3
1.3
1.8
2.3
Topr=25
°C
CIN=CL=1.0
µF(ceramic)
Input Voltage:VIN (V)
XC6204x182
2.0
1.8
1.6
1.4
1.2
1.0
IOUT=0mA
1mA
30mA
100mA
XC6204x182
3
4
5
6
7
8
9
10
Topr=25
°C
CIN=CL=1.0
µF(ceramic)
Input Voltage:VIN (V)
1.90
1.85
1.80
1.75
1.70
1.65
IOUT=0mA
1mA
30mA
20.
2.5
3.0
Topr=25
°C
CIN=CL=1.0
µF(ceramic)
Input Voltage:VIN (V)
XC6204x252
2.7
2.5
2.3
2.1
1.9
1.7
IOUT=0mA
1mA
30mA
100mA
XC6204x252
3
4
5
6
7
8
9
10
Topr=25
°C
CIN=CL=1.0
µF(ceramic)
Input Voltage:VIN (V)
2.60
2.55
2.80
2.45
2.40
2.35
IOUT=0mA
1mA
30mA
(2) OUTPUT VOLTAGE vs. INPUT VOLTAGE
2.5
3.0
3.5
Topr=25
°C
CIN=CL=1.0
µF(ceramic)
Input Voltage:VIN (V)
XC6204x302
3.2
3.0
2.8
2.6
2.4
2.2
IOUT=0mA
1mA
30mA
100mA
Topr=25
°C
CIN=CL=1.0
µF(ceramic)
XC6204x302
4
5
6
7
8
9
10
Input Voltage:VIN (V)
3.10
3.05
3.00
2.95
2.90
2.85
IOUT=0mA
1mA
30mA
4.5
5.0
5.5
Topr=25
°C
CIN=CL=1.0
µF(ceramic)
Input Voltage:VIN (V)
XC6204x502
5.2
5.0
4.8
4.6
4.4
4.2
IOUT=0mA
1mA
30mA
100mA
Topr=25
°C
CIN=CL=1.0
µF(ceramic)
XC6204x502
4
5
6
7
8
9
10
Input Voltage:VIN (V)
5.10
5.05
5.00
4.95
4.90
4.85
IOUT=0mA
1mA
30mA
03S_04XC6204 02.9.12 2:57 PM ページ 271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com